Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM151 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # AM151
Description  1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AM151 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  AM151 Datasheet HTML 1Page - Pan Jit International Inc. AM151 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-SEP.05.2003
FIG.1 DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
FIG.2 TYPICAL FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, C
O
PERCENT OF PEAK REVERSE VOLTAGE
NO. OF CYCLES AT 60Hz
INSTANTANEOUS FWD VOLTAGE, VOLTS
RATING AND CHARACTERISTIC CURVES
3.0
2.0
1.0
0
0
50
100
150
1.5
2.5
0.5
MOUNTED ON PC BOARD.
TA 0.5" (12.7mm) LEAD LENGTH
60Hz RESISTIVE OR INDUCTIVE LOAD
.02
.01
.03
.05
.07
.1
.2
.3
.5
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T= 25 C
A
O
T = 100 C
A
O
T= 25 C
A
O
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
50
40
30
20
10
0
1
2
6
10
20
40
60
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com