Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RSTS4-RKTS4-MF6646 Datasheet(PDF) 1 Page - Belden Inc.

Part # RSTS4-RKTS4-MF6646
Description  Sensor/Actuator Double-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSTS4-RKTS4-MF6646 Datasheet(HTML) 1 Page - Belden Inc.

  RSTS4-RKTS4-MF6646 Datasheet HTML 1Page - Belden Inc. RSTS4-RKTS4-MF6646 Datasheet HTML 2Page - Belden Inc. RSTS4-RKTS4-MF6646 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSTS 4-RKTS 4-MF6646
Sensor/Actuator Double-Ended Cordset: Male straight A-coded orange 4-pin
M12 Standard connector to female straight A-coded orange 4-pin M12
Standard connector, shielded, 50 V AC / 60 V DC, 4 A; PU based black cable,
4-wires, 0.25 mm²
Product Description
Sensor/Actuator Double-Ended Cordset: Male straight A-coded translucent 4-pin M8 Standard connector to female straight A-coded translucent 4-pin M8
Standard connector, 30 V AC/DC, 4 A; PU black cable, 4-wires, 0.34 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2 Pin 3 Pin 4
brown white blue
black
Face View Side 2
Pin 1
Pin 2 Pin 3 Pin 4
brown white blue
black
Product Description
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Shielded
Rated Voltage:
60 V
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
50 V AC/ 60 V DC
Rated Current*:
4 A
Technical Data Side 1
Product Sub Family:
M12 Standard
Type of Contact / Gender:
Male
Connector Design:
Straight
Attachment Type:
Coupling Screw
Number of Pins:
4
Coding:
A
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Ambient Temperature (Operation)*:
-30 °C - + 80 °C
Protection Degree / IP Rating**:
IP67


Similar Part No. - RSTS4-RKTS4-MF6646

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSTS4D-RSTS8Y-484 BELDEN-RSTS4D-RSTS8Y-484 Datasheet
541Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
RSTS4L-722 BELDEN-RSTS4L-722 Datasheet
554Kb / 4P
M12 Power Single-Ended Cordset: Male, straight, 4-pin, L-coded, shielded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
RSTS4L-994 BELDEN-RSTS4L-994 Datasheet
554Kb / 4P
M12 Power Single-Ended Cordset: Male, straight, 4-pin, L-coded, shielded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RSTS4L-994SW BELDEN-RSTS4L-994SW Datasheet
551Kb / 4P
M12 Power Single-Ended Cordset: Male, straight, 4-pin, L-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RSTS4S-915SW BELDEN-RSTS4S-915SW Datasheet
494Kb / 3P
M12 Power Single-Ended Cordset: Male, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
More results

Similar Description - RSTS4-RKTS4-MF6646

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1200020481 MOLEX-1200020481 Datasheet
34Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200020482 MOLEX-1200020482 Datasheet
34Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200060049 MOLEX-1200060049 Datasheet
29Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200060051 MOLEX-1200060051 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200988052 MOLEX-1200988052 Datasheet
24Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female
1202440200 MOLEX-1202440200 Datasheet
23Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
1202440201 MOLEX-1202440201 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
1202440204 MOLEX-1202440204 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
1202440208 MOLEX-1202440208 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com