Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9133APB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9133APB
Description  Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9133APB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9133APB Datasheet HTML 1Page - Richtek Technology Corporation RT9133APB Datasheet HTML 2Page - Richtek Technology Corporation RT9133APB Datasheet HTML 3Page - Richtek Technology Corporation RT9133APB Datasheet HTML 4Page - Richtek Technology Corporation RT9133APB Datasheet HTML 5Page - Richtek Technology Corporation RT9133APB Datasheet HTML 6Page - Richtek Technology Corporation RT9133APB Datasheet HTML 7Page - Richtek Technology Corporation RT9133APB Datasheet HTML 8Page - Richtek Technology Corporation RT9133APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9133A/B
Preliminary
4
DS9133A/B-04 August 2007
www.richtek.com
Note: Slew rate is measured on rising and falling edges.
Electrical Characteristics
(VS+=+5V, VS- = -5V, RL = 10k
Ω and CL = 10pF to 0V, TA =25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Characteristics
Input Offset Voltage
VOS
VCM = 0
--
2
15
mV
Average Offset Voltage Drift
ΔVOS/ΔT -40°C≦TA≦85°C
--
5
--
uV/
°C
Input Bias Current
IB
VCM = 0
--
2
50
nA
Input Impedance
RIN
--
1
--
G
Ω
Input Capacitance
CIN
--
1.35
--
pF
Common-Mode Input Range
CMIR
-5.5
--
+5.5
V
Common-Mode Rejection Ratio
CMRR
For VIN from –5.5V to +5.5V
50
80
--
dB
Open-Loop Gain
AVOL
-4.5V≦VOUT≦+4.5V
75
95
--
dB
Output Characteristics
Output swing Low
VOL
IL = -5mA
--
-4.92
-4.85
V
Output swing High
VOH
I L = +5mA
4.85
4.92
--
V
Continuous
VCOM Buffer Output current
IOC
--
±35
--
mA
Peak
VCOM Buffer Output current
IPC
--
±120
--
mA
Power Supply
Supply Voltage
VS
4.5
--
15
V
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.75V
60
70
--
dB
Supply Current/Amplifier
ISY
No Load
--
500
750
uA
Dynamic Performance
Slew Rate(Note)
SR
-4.0V≦VOUT≦+4.0V, 20% to 80%
--
12
--
V/us
Setting to ±0.1% (AV=+1)
tS
(AV = +1), VOUT = 2V step
--
500
--
ns
-3dB Bandwidth
BW
RL = 10kΩ, CL =10 pF
--
12
--
MHz
Gain-Bandwidth Product
GBWP
RL = 10kΩ, CL =10 pF
--
5
--
MHz
Phase Margin
PM
RL = 10kΩ, CL =10 pF
--
50
--
°
Channel Separation
CS
f = 5MHz
--
75
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com