Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9173BGL5 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9173BGL5
Description  2A Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173BGL5 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9173BGL5 Datasheet HTML 5Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 6Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 7Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 8Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 9Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 10Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 11Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 12Page - Richtek Technology Corporation RT9173BGL5 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9173B
9
DS9173B-09 March 2007
www.richtek.com
Output Short-Circuit Protection
6
5
4
3
2
1
0
Time (1ms/DIV)
Source
VIN = 2.5V
VCNTL = 3.3V
Force the output shorted to ground
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/DIV)
Sink
VIN = 2.5V
VCNTL = 3.3V
Force the output shorted to VDDQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com