Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9185BGS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9185BGS
Description  Triple, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9185BGS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9185BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9185
2
DS9185-11
March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Functional Pin Description
Pin Name
Pin Function
VOUT1
Channel 1 Output Voltage
VDD
Supply Input
GND
Common Ground
VOUT2
Channel 2 Output Voltage
VOUT3
Channel 3 Output Voltage
VOUT1
VOUT3
RT9185
GND
VOUT2
4.7uF
V
OUT2 (2.55V/0.8A)
V
OUT3 (1.5V or 1.8V/0.3A)
2.2uF
V
DD (5VSB)
VDD
1uF
V
OUT1 (3.35V/1.5A)
4.7uF
C1
C2
C4
C3
Thermal
Sensor
Reference
+
-
+
-
Error
Amplifier
Current
Limiting
+
-
+
-
Error
Amplifier
Current
Limiting
+
-
+
-
Error
Amplifier
Current
Limiting
VOUT2
VOUT1
VDD
VOUT3
GND
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com