Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9285APJ6 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9285APJ6
Description  Tiny Package, High Performance, Diode Embedded White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9285APJ6 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9285APJ6 Datasheet HTML 4Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 10Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 11Page - Richtek Technology Corporation RT9285APJ6 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9285A/B
Preliminary
9
DS9285A/B-02 August 2007
www.richtek.com
Application Information
LED Current Control
The RT9285A/B regulates the LED current by setting the
current sense resistor (RSET) connecting to feedback and
ground. The RT9284A/B feedback voltage (VFB) is 0.25V.
The LED current (ILED) can be set by a resistor RSET.
ILED = 0.25/RSET
In order to have an accurate LED current, a precision resistor
is preferred (1% is recommended).
Inductor Selection
The recommended value of inductor for 4 to 5WLEDs
applications are 10
µH to 22µH. For 3WLEDs, the
recommended value of inductor is 4.7
µH to 22µH. Small
size and better efficiency are the major concerns for portable
device, such as RT9285A/B used for mobile phone. The
inductor should have low core loss at 1MHz and low DCR
for better efficiency.
LX
GND
VDD
FB
VOUT
RT9285A/B
EN
C1
1uF
R
SET
L1
C2
Chip Enable
V
IN
10uH to 22uH
2.7V to 5.5V
0.22uF to 1uF
12.5
LX
GND
VDD
FB
VOUT
RT9285A/B
EN
C1
1uF
R
SET
L1
C2
Chip Enable
V
IN
10uH to 22uH
2.7V to 5.5V
0.22uF to 1uF
12.5
Figure 3. Application for Driving 4 Series WLEDs
Figure 4. Application for Driving 5 Series WLEDs
The inductor saturation current rating should be considered
to cover the inductor peak current.
Capacitor Selection
Input and output ceramic capacitors of 1
µF are recommend-
ed for RT9285A/B applications. For better voltage filtering,
ceramic capacitors with low ESR are recommended. X5R
and X7R types are suitable because of their wider voltage
and temperature ranges.
Output Voltage Control
The output voltage of R9285 can be adjusted by the divider
circuit on FB pin. Figure 6 shows a 2-level voltage control
circuit for OLED application. The output voltage can be
calculated by the following equations in Figure 6.
LX
GND
VDD
FB
VOUT
RT9285A/B
EN
C1
1uF
R2
L1
C2
Chip Enable
V
IN
10uH to 22uH
2.7V to 5.5V
0.22uF to 1uF
10k
R1
590k
V
OUT
15V
Figure 5. Application for Constant Output Voltage
10k
R2
;
R2
R2
R1
0.25
VOUT
>
+
×
=
Figure 6. Application Circuit for Output Voltage Control
and Related Equations
VDD
EN
VOUT
GND
FB
RT9285A/B
LX
R
GPIO
V
IN
GPIO
OLED
R
A
R
B
V
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com