Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH64 Datasheet(PDF) 3 Page - Danley Sound Labs. All Rights Reserved.

Part # SH64
Description  SYNERGY HORN FULL RANGE LOUDSPEAKERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

SH64 Datasheet(HTML) 3 Page - Danley Sound Labs. All Rights Reserved.

  SH64 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. SH64 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. SH64 Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SYNERGY HORN FULL RANGE LOUDSPEAKERS
© 2012 Danley Sound Labs. All Rights Reserved.
www.danleysoundlabs.com
Architect/Engineers Specs
The loudspeaker shall utilize 4
– 15” woofers, 4 – 4” mid frequency drivers and 1 – 1.4” high frequency driver in a
patent-pending enclosure. The coverage pattern shall be 60° horizontal x 40° vertical. The loudspeaker shall have
an operating rage of +/- 3 dB 65 Hz
– 16 kHz. Sensitivity of 103 dBSPL @ 1m. Output of 135 dBSPL/138 dBSPL
Peak. Power handling shall be 1400 Watts continuous, 2800 Watts program. The impedance shall be nominal 7.3
ohms.
The loudspeaker shall be constructed of 13 ply Baltic birch, water resistant Polyurea coated, properly braced for the
intended use and a rugged steel grill. The connectors shall be Neutrik NL4. The Loudspeaker shall be the Danley
Sound Labs SH-64.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com