Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HF88S05 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HF88S05 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
3
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
3. Pin Description
HF88S05
13
11
10
18
5
15
16
12
9
8
7
6
1
4
14
17
3
2
D7
D5
D4
VDD
R_WN
SDI
SDO
D6
D3
D2
D1
D0
P_SN
D_CN
SCLK
CS1
CS0N
VSS
Symbol I/O Description
P_Sn
I
Input to select either parallel (when ‘1’) or serial (when ‘0’) interface is used for transferring data.
VSS
I
Negative power supply of the device
CS0n
I
CS0n is active low chip select input pin. The device is selected when CS1 is high and CS0n is
low simultaneously. Otherwise, it is deselected.
D_Cn
I
Input to select either the SRAM or Registers (TPP, TPH, TPL, Mode or Checksum) operations.
R_Wn
I
Input to select either a Read operation (when ‘1’) or a write operation (when ‘0’) is to be
performed.
D0 ~ D7
I/O Bi-directional data bus for parallel transfer mode.
SCLK/
Strobe
I
This pin is shared between parallel and serial modes. In serial mode, this pin is Serial Clock
SCLK for transferring the data from/to SDI/SDO. In parallel mode, it is the strobe signal used to
write the registers and SRAM as well as read the checksum and contents of SRAM. This pin is
equipped with Schmidt type input structure to prevent the input from chattering due to slow rising
clock source transition.
SDI
I
Serial Data Input for writing to either Registers or SRAM.
SDO
O Serial Data Output for reading data from either Checksum Register or SRAM.
CS1
I
CS1 is active high chip select input. The device is selected when CS1 is high and CS0n is low
simultaneously. Otherwise, it is deselected.
VDD
I
Positive power supply of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com