Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9618PS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9618PS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618PS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9618PS Datasheet HTML 4Page - Richtek Technology Corporation RT9618PS Datasheet HTML 5Page - Richtek Technology Corporation RT9618PS Datasheet HTML 6Page - Richtek Technology Corporation RT9618PS Datasheet HTML 7Page - Richtek Technology Corporation RT9618PS Datasheet HTML 8Page - Richtek Technology Corporation RT9618PS Datasheet HTML 9Page - Richtek Technology Corporation RT9618PS Datasheet HTML 10Page - Richtek Technology Corporation RT9618PS Datasheet HTML 11Page - Richtek Technology Corporation RT9618PS Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9618/A
9
DS9618/A-04 March 2007
www.richtek.com
the total current required from the gate driving source is
By a similar calculation, we can also get the sink current
required from the turned off MOSFET.
Select the Bootstrap Capacitor
Figure 2 shows part of the bootstrap circuit of RT9618/A.
The VCB(the voltage difference between BOOT and PHASE
on RT9618/A) provides a voltage to the gate of the high
side power MOSFET. This supply needs to be ensured
that the MOSFET can be driven. For this, the capacitance
CB has to be selected properly. It is determined by following
constraints.
Before driving the gate of the high side MOSFET up to
12V (or 5V), the low side MOSFET has to be off; and the
high side MOSFET is turned off before the low side is
turned on. From Figure 1, the body diode "D2" had been
turned on before high side MOSFETs turned on.
Before the low side MOSFET is turned on, the Cgd2 have
been charged to VIN. Thus, as Cgd2 reverses its polarity
and g2 is charged up to 12V, the required current is
It is helpful to calculate these currents in a typical case.
Assume a synchronous rectified buck converter, input
voltage VIN = 12V, Vg1 = Vg2 = 12V. The high side MOSFET
is PHB83N03LT whose Ciss = 1660pF, Crss = 380pF, and
tr = 14ns. The low side MOSFET is PHB95N03LT whose
Ciss = 2200pF, Crss = 500pF and tr= 30ns, from the equation
(1) and (2) we can obtain
from equation. (3) and (4)
==
gd1
gd1
gd1
r1
dV
12V
IC
C
dt
t
(3)
(4)
r2
gd2
gd2
gd2
t
12V
Vi
C
dt
dV
C
I
+
=
=
(A)
0.88
10
30
12
10
2200
I
(A)
1.428
10
14
12
10
1660
I
9
-
12
-
9
-
-12
gs2
gs1
=
×
×
×
=
=
×
×
×
=
(5)
(6)
(7)
(8)
(9)
(10)
r2
gs1
gs1
gs2
r1
gs1
gs1
gs1
t
12
C
dt
dVg2
C
I
t
12
C
dt
dVg1
C
I
×
=
=
×
=
=
(1)
(2)
the low side power MOSFETs, respectively and referred to
the data sheets as "Crss" the reverse transfer capacitance.
For example, tr1 and tr2 are the rising time of the high side
and the low side power MOSFETs respectively, the required
current Igs1 and Igs2
,
are showed below :
(A)
0.4
10
30
12)
(12
10
500
I
(A)
0.326
10
14
12
10
380
I
9
-
12
-
9
-
-12
gd2
gd1
=
×
+
×
×
=
=
×
×
×
=
(A)
1.28
0.4)
(0.88
I
I
I
(A)
1.754
0.326)
(1.428
I
I
I
gd2
gs2
g2
gd1
gs1
g1
=
+
=
+
=
=
+
=
+
=
V
IN
C
B
V
CB
+
-
BOOT
V
CC
V
CC
UGATE
PHASE
LGATE
PGND
1N4148
Figure 2. Part of Bootstrap Circuit of RT9618/A
In practice, a low value capacitor CB will lead the over-
charging that could damage the IC. Therefore to minimize
the risk of overcharging and reducing the ripple on VCB,
the bootstrap capacitor should not be smaller than 0.1
μF,
and the larger the better. In general design, using 1
μF can
provide better performance. At least one low-ESR capacitor
should be used to provide good local de-coupling. Here, to
adopt either a ceramic or tantalum capacitor is suitable.
Power Dissipation
For not exceeding the maximum allowable power
dissipation to drive the IC beyond the maximum
recommended operating junction temperature of 125
°C, it
is necessary to calculate power dissipation appro-priately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com