Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9619GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9619GS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9619GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9619GS Datasheet HTML 3Page - Richtek Technology Corporation RT9619GS Datasheet HTML 4Page - Richtek Technology Corporation RT9619GS Datasheet HTML 5Page - Richtek Technology Corporation RT9619GS Datasheet HTML 6Page - Richtek Technology Corporation RT9619GS Datasheet HTML 7Page - Richtek Technology Corporation RT9619GS Datasheet HTML 8Page - Richtek Technology Corporation RT9619GS Datasheet HTML 9Page - Richtek Technology Corporation RT9619GS Datasheet HTML 10Page - Richtek Technology Corporation RT9619GS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9619/A
7
DS9619/A-04 March 2007
www.richtek.com
(5V/Div)
Short Pulse
Time (20ns/Div)
IOUT = 119A to 24A
PHASE
LGATE
UGATE
Internal Diode I-V Curve
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com