Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PN8370SSC-R1 Datasheet(PDF) 8 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 8 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PN8370
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 8 / 10
FB
VINT
CC/CV
Control
PN8370
R1
R2
Vsense
Naux
Ns
Vaux
Vs
Is
Rw
Resr
Ic
Vout
Io
+ ΔV -
Figure 3 Icable
6. Reference Negative Temperature Compensation
As shown in Figure 3, the voltage of FB pin is
()
S
AUX
O
FB
N
R
R
N
R
K
V
V
K
V
×
+
×
=
Δ
+
=
)
2
1
(
2
,
5)
Where
V
has a negative temperature coefficient, K is a constant.
In PN8370, the voltage reference uses the negative temperature compensation technology. At room temperature, the
voltage reference is 2.5V. The voltage reference (VREF_CV) decreases while the temperature of chip increases. The
reference negative temperature compensation block compensates the
V, thus the output voltage keeps constant at full
range of temperature. The reference negative temperature compensation improves output precision.
7. Quasi-Resonant Switching
The PN8370 incorporates a unique proprietary quasi-resonant switching scheme that achieves valley-mode turn on for
every switching cycle in CV mode. This unique feature greatly reduces the switching loss. The actual switching
frequency can vary slightly cycle by cycle, providing the additional benefit of reducing EMI.
Figure 4 QR Mode
8. Protection Control
The PN8370 has several self-protection functions, such as Cycle-by-Cycle current limiting (OCP), Over-Voltage
Protection, Over-Temperature Protection, Feedback Loop open Protection, Output short circuit Protection, CS resistor
open/short circuit Protection and Under Voltage Lockout on VDD. All protections are self-recovered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com