Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPWI201208HR47T Datasheet(PDF) 4 Page - Littelfuse

Part # LPWI201208HR47T
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI201208HR47T Datasheet(HTML) 4 Page - Littelfuse

  LPWI201208HR47T Datasheet HTML 1Page - Littelfuse LPWI201208HR47T Datasheet HTML 2Page - Littelfuse LPWI201208HR47T Datasheet HTML 3Page - Littelfuse LPWI201208HR47T Datasheet HTML 4Page - Littelfuse LPWI201208HR47T Datasheet HTML 5Page - Littelfuse LPWI201208HR47T Datasheet HTML 6Page - Littelfuse LPWI201208HR47T Datasheet HTML 7Page - Littelfuse LPWI201208HR47T Datasheet HTML 8Page - Littelfuse LPWI201208HR47T Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
4
LPWI Series
Surface Mount
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
1.6 x 0.8 x 0.8 mm size
1.6 x 0.8 x 0.8 mm size
110
100
0.0
0.3
0.6
0.9
1.2
1.5
LPWI160808SR24T
LPWI160808SR47T
LPWI160808S1R0T
LPWI160808HR47T
LPWI160808H1R0T
Frequency(MHz)
0123
0.0
0.2
0.4
0.6
0.8
1.0
LPWI160808SR24T
LPWI160808SR47T
LPWI160808S1R0T
LPWI160808HR47T
LPWI160808H1R0T
Current(A)
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.0 x 1.2 x 0.8 mm size
2.0 x 1.2 x 0.8 mm size
110
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
LPWI201208SR24T
LPWI201208SR47T
LPWI201208SR68T
LPWI201208S1R5T
LPWI201208HR47T
LPWI201208S1R0T
Frequency(MHz)
01
23
45
6
0.0
0.5
1.0
1.5
2.0
2.5
LPWI201610BR47T
LPWI201610B1R0T
LPWI201610B2R2T
LPWI201610HR47T
LPWI201610H1R0T
LPWI201610H1R5T
LPWI201610H2R2T
Current(A)
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.0 x 1.2 x 1.0 mm size
2.0 x 1.2 x 1.0 mm size
110
100
0.0
0.3
0.6
0.9
1.2
1.5
LPWI201210SR47T
LPWI201210S1R0T
LPWI201210HR47T
Frequency(MHz)
01
23
45
0.0
0.2
0.4
0.6
0.8
LPWI201210SR47T
LPWI201210S1R0T
LPWI201210HR47T
Current(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com