Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX84C Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZX84C
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84C Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZX84C Datasheet HTML 1Page - Pan Jit International Inc. BZX84C Datasheet HTML 2Page - Pan Jit International Inc. BZX84C Datasheet HTML 3Page - Pan Jit International Inc. BZX84C Datasheet HTML 4Page - Pan Jit International Inc. BZX84C Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-NOV.19.2004
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
Ω
A
m
Ω
A
m
A
u
V
s
e
d
o
i
D
r
e
n
e
Z
s
t
t
a
W
m
0
1
4
4
V
2
C
4
8
X
Z
B
1
W
4
.
2
8
2
.
2
2
5
.
2
0
0
1
0
.
5
0
0
6
0
0
.
1
0
5
0
.
1
7
V
2
C
4
8
X
Z
B
2
W
7
.
2
7
5
.
2
4
8
.
2
0
0
1
0
.
5
0
0
6
0
0
.
1
0
2
0
.
1
3
C
4
8
X
Z
B
3
W
3
5
8
.
2
5
1
.
3
5
9
0
.
5
0
0
6
0
0
.
1
0
1
0
.
1
3
V
3
C
4
8
X
Z
B
4
W
3
.
3
4
1
.
3
7
4
.
3
5
9
0
.
5
0
0
6
0
0
.
1
0
.
5
0
.
1
6
V
3
C
4
8
X
Z
B
5
W
6
.
3
2
4
.
3
8
7
.
3
0
9
0
.
5
0
0
6
0
0
.
1
0
.
5
0
.
1
9
V
3
C
4
8
X
Z
B
6
W
9
.
3
1
7
.
3
0
1
.
4
0
9
0
.
5
0
0
6
0
0
.
1
0
.
3
0
.
1
3
V
4
C
4
8
X
Z
B
7
W
3
.
4
9
0
.
4
2
5
.
4
0
9
0
.
5
0
0
6
0
0
.
1
0
.
3
0
.
1
7
V
4
C
4
8
X
Z
B
8
W
7
.
4
7
4
.
4
4
9
.
4
0
8
0
.
5
0
0
5
0
0
.
1
0
.
3
0
.
2
1
V
5
C
4
8
X
Z
B
9
W
1
.
5
5
8
.
4
6
3
.
5
0
6
0
.
5
0
8
4
0
0
.
1
0
.
2
0
.
2
6
V
5
C
4
8
X
Z
B
A
W
6
.
5
2
3
.
5
8
8
.
5
0
4
0
.
5
0
0
4
0
0
.
1
0
.
1
0
.
2
2
V
6
C
4
8
X
Z
B
B
W
2
.
6
9
8
.
5
1
5
.
6
0
1
0
.
5
0
5
1
0
0
.
1
0
.
3
0
.
4
8
V
6
C
4
8
X
Z
B
C
W
8
.
6
6
4
.
6
4
1
.
7
5
1
0
.
5
0
8
0
0
.
1
0
.
2
0
.
4
5
V
7
C
4
8
X
Z
B
D
W
5
.
7
3
1
.
7
8
8
.
7
5
1
0
.
5
0
8
0
0
.
1
0
.
1
0
.
5
2
V
8
C
4
8
X
Z
B
E
W
2
.
8
9
7
.
7
1
6
.
8
5
1
0
.
5
0
8
0
0
.
1
7
.
0
0
.
5
1
V
9
C
4
8
X
Z
B
F
W
1
.
9
5
6
.
8
6
5
.
9
5
1
0
.
5
0
0
1
0
0
.
1
5
.
0
0
.
6
0
1
C
4
8
X
Z
B
G
W
0
1
0
5
.
9
0
5
.
0
1
0
2
0
.
5
0
5
1
0
0
.
1
2
.
0
0
.
7
1
1
C
4
8
X
Z
B
H
W
1
1
5
4
.
0
1
5
5
.
1
1
0
2
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
8
2
1
C
4
8
X
Z
B
I
W
2
1
0
4
.
1
1
0
6
.
2
1
5
2
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
8
3
1
C
4
8
X
Z
B
K
W
3
1
5
3
.
2
1
5
6
.
3
1
0
3
0
.
5
0
7
1
0
0
.
1
1
.
0
0
.
8
5
1
C
4
8
X
Z
B
L
W
5
1
5
2
.
4
1
5
7
.
5
1
0
3
0
.
5
0
0
2
0
0
.
1
1
.
0
5
.
0
1
6
1
C
4
8
X
Z
B
M
W
6
1
0
2
.
5
1
0
8
.
6
1
0
4
0
.
5
0
0
2
0
0
.
1
1
.
0
2
.
1
1
8
1
C
4
8
X
Z
B
N
W
8
1
0
1
.
7
1
0
9
.
8
1
5
4
0
.
5
5
2
2
0
0
.
1
1
.
0
6
.
2
1
0
2
C
4
8
X
Z
B
O
W
0
2
0
0
.
9
1
0
0
.
1
2
5
5
0
.
5
5
2
2
0
0
.
1
1
.
0
0
.
4
1
2
2
C
4
8
X
Z
B
P
W
2
2
0
9
.
0
2
0
1
.
3
2
5
5
0
.
5
0
5
2
0
0
.
1
1
.
0
4
.
5
1
4
2
C
4
8
X
Z
B
R
W
4
2
0
8
.
2
2
0
2
.
5
2
0
7
0
.
5
0
5
2
0
0
.
1
1
.
0
8
.
6
1
7
2
C
4
8
X
Z
B
S
W
7
2
5
6
.
5
2
5
3
.
8
2
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
9
.
8
1
0
3
C
4
8
X
Z
B
T
W
0
3
0
5
.
8
2
0
5
.
1
3
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
0
.
1
2
3
3
C
4
8
X
Z
B
U
W
3
3
5
3
.
1
3
5
6
.
4
3
0
8
0
.
5
5
2
3
0
0
.
1
1
.
0
1
.
3
2
6
3
C
4
8
X
Z
B
W
W
6
3
0
2
.
4
3
0
8
.
7
3
0
9
0
.
5
0
5
3
0
0
.
1
1
.
0
2
.
5
2
9
3
C
4
8
X
Z
B
X
W
9
3
5
0
.
7
3
5
9
.
0
4
0
3
1
0
.
5
0
5
3
0
0
.
1
1
.
0
3
.
7
2
STANDARD VOLTAGE TOLERANCE IS + 5% AND :
SUFFIX “ B “ FOR + 2%
SUFFIX “ C “ FOR + 5%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com