Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95128-DW6TP/P Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95128-DW6TP/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DW6TP/P Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95128-DW6TP/P Datasheet HTML 24Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 25Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 26Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 27Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 28Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 29Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 30Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 31Page - STMicroelectronics M95128-DW6TP/P Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
DC and AC parameters
M95128, M95128-W, M95128-R
28/44
Figure 14.
AC measurement I/O waveform
Table 10.
AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
Input rise and fall times
50
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output timing reference voltages
0.3VCC to 0.7VCC
V
Table 11.
Capacitance(1)
1.
Sampled only, not 100% tested, at TA =25 °C and a frequency of 5 MHz.
Symbol
Parameter
Test condition
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
8
pF
CIN
Input capacitance (D)
VIN = 0 V
8
pF
Input capacitance (other pins)
VIN = 0 V
6
pF
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com