Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95128-MB6TP/P Datasheet(PDF) 42 Page - STMicroelectronics

Part # M95128-MB6TP/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MB6TP/P Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M95128-MB6TP/P Datasheet HTML 36Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 37Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 38Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 39Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 40Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 41Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 42Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 43Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Revision history
M95128, M95128-W, M95128-R
42/44
12
Revision history
Table 25.
Document revision history
Date
Revision
Changes
17-Nov-1999
2.1
New -V voltage range added (including the tables for DC characteristics,
AC characteristics, and ordering information).
07-Feb-2000
2.2
New -V voltage range extended to M95256 (including AC characteristics,
and ordering information).
22-Feb-2000
2.3
tCLCH and tCHCL, for the M95xxx-V, changed from 1
µs to 100ns
15-Mar-2000
2.4
-V voltage range changed to 2.7-3.6V
29-Jan-2001
2.5
Lead Soldering Temperature in the Absolute Maximum Ratings table
amended
Illustrations and Package Mechanical data updated
12-Jun-2001
2.6
Correction to header of Table 12B
TSSOP14 Illustrations and Package Mechanical data updated
Document promoted from Preliminary Data to Full Data Sheet
08-Feb-2002
2.7
Announcement made of planned upgrade to 10 MHz clock for the 5V, –40
to 85°C, range.
09-Aug-2002
2.8
M95128 split off to its own datasheet. Data added for new and forthcoming
products, including availability of the SO8 narrow package.
24-Feb-2003
2.9
Omission of SO8 narrow package mechanical data remedied
26-Jun-2003
2.10
-V voltage range removed
21-Nov-2003
3.0
Table of contents, and Pb-free options added. -S voltage range extended
to -R. VIL(min) improved to –0.45V
17-Mar-2004
4.0
Absolute Maximum Ratings for VIO(min) and VCC(min) changed. Soldering
temperature information clarified for RoHS compliant devices. Device
grade information clarified
21-Oct-2004
5.0
M95128 datasheet merged back in. Product List summary table added.
AEC-Q100-002 compliance. Device Grade information clarified. tHHQX
corrected to tHHQV. 10MHz product becomes standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com