Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95128-WDW3TP/P Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95128-WDW3TP/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-WDW3TP/P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95128-WDW3TP/P Datasheet HTML 17Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 18Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 19Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 20Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 21Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 22Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 23Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 24Page - STMicroelectronics M95128-WDW3TP/P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
M95128, M95128-W, M95128-R
Instructions
21/44
5.5
Read from Memory Array (READ)
As shown in Figure 9, to send this instruction to the device, Chip Select (S) is first driven
Low. The bits of the instruction byte and address bytes are then shifted in, on Serial Data
Input (D). The address is loaded into an internal address register, and the byte of data at
that address is shifted out, on Serial Data Output (Q).
If Chip Select (S) continues to be driven Low, the internal address register is automatically
incremented, and the byte of data at the new address is shifted out.
When the highest address is reached, the address counter rolls over to zero, allowing the
Read cycle to be continued indefinitely. The whole memory can, therefore, be read with a
single READ instruction.
The Read cycle is terminated by driving Chip Select (S) High. The rising edge of the Chip
Select (S) signal can occur at any time during the cycle.
The first byte addressed can be any byte within any page.
The instruction is not accepted, and is not executed, if a Write cycle is currently in progress.
Figure 9.
Read from Memory Array (READ) sequence
1.
The most significant address bits (b15, b14) are Don’t Care.
C
D
AI01793D
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
76543
1
7
0
High Impedance
Data Out 1
Instruction
16-Bit Address
0
MSB
MSB
2
31
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com