Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT34063APN Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT34063APN
Description  DC-to-DC Converter Control Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT34063APN Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT34063APN Datasheet HTML 5Page - Richtek Technology Corporation RT34063APN Datasheet HTML 6Page - Richtek Technology Corporation RT34063APN Datasheet HTML 7Page - Richtek Technology Corporation RT34063APN Datasheet HTML 8Page - Richtek Technology Corporation RT34063APN Datasheet HTML 9Page - Richtek Technology Corporation RT34063APN Datasheet HTML 10Page - Richtek Technology Corporation RT34063APN Datasheet HTML 11Page - Richtek Technology Corporation RT34063APN Datasheet HTML 12Page - Richtek Technology Corporation RT34063APN Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT34063A
9
DS34063A-13
March 2007
www.richtek.com
Absolute Maximum Ratings
Power Supply Voltage ------------------------------------------------------------------------------------------------ 30V
Feedback Input Voltage Range -------------------------------------------------------------------------------------
−0.3 to +30V
Switch Collector Voltage --------------------------------------------------------------------------------------------- 30V
Switch Emitter Voltage ----------------------------------------------------------------------------------------------- 30V
Switch Collector to Emitter Voltage ------------------------------------------------------------------------------- 30V
Driver Collector Voltage ---------------------------------------------------------------------------------------------- 30V
Driver Collector Current (see Note) -------------------------------------------------------------------------------- 100mA
Switch Current --------------------------------------------------------------------------------------------------------- 1.5A
Power Dissipation, PD @ TA = 25
°C
DIP-8 --------------------------------------------------------------------------------------------------------------------- 1.25W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance
DIP-8,
θJA --------------------------------------------------------------------------------------------------------------- 100°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
Operating Junction Temperature ----------------------------------------------------------------------------------- +125
°C
Storage Temperature Range ---------------------------------------------------------------------------------------- 65 to +150
°C
Note:Maximum package power dissipation limits must be observed.
Electrical Characteristics
(VCC = 5V, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Oscillator
Frequency
VPIN5 = 0V, CT = 1.0nF
26
38
48
kHz
Charge Current
ICHG
5.0V
≤ VCC ≤ 30V
25
36
43
μA
Discharge Current
IDISCHG 5.0V ≤ VCC ≤ 30V
160
250
290
μA
Discharge to Charge Current Ratio
Pin 7 to VCC
5.5
6.9
7.9
--
Current Limit Sense Voltage
VLIMIT
ICHG = IDISCHG
280
330
380
mV
Output Switch
Saturation Voltage, Darlington Connection
ISW = 1.0A, Pins1, 8 connected
--
1.0
1.3
V
Saturation Voltage, Darlington Connection
ISW = 1.0A, RPIN8 = 82Ω to
VCC, Forced
β ≅ 20
--
0.45
0.7
V
DC Current Gain
ISW = 1.0A, VCE = 5.0V
50
75
--
--
Collector Off-state Current
VCE = 30V
--
0.01
100
μA
Comparator
Threshold Voltage
1.225 1.25 1.275
V
Threshold Voltage Line Regulation
3.0V
≤ VCC ≤ 30V
--
1.4
5.0
mV
Input Bias Current
IBIAS
VIN = 0V
--
-20
-400
nA
Total Device
Supply Current
ICC
VCC = 5.0V to 30V, CT = 1.0nF,
Pin7 = VCC, VPIN5 > VTH, Pin2
= GND, Remaining pins open
--
3.0
4.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com