Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6321LJWY6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM6321LJWY6F
Description  5-pin Supervisor with watchdog timer and push-button reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321LJWY6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM6321LJWY6F Datasheet HTML 17Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 18Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 19Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 20Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 21Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 22Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 23Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 24Page - STMicroelectronics STM6321LJWY6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
DC and AC parameters
21/26
Reset Thresholds
VRST
(5)
Reset Threshold
STM6xxxL
25°C
4.561
4.630
4.699
V
–40 to 85°C
4.514
4.746
V
STM6xxxM
25°C
4.314
4.390
4.446
V
–40 to 85°C
4.270
4.490
V
STM6xxxT
25°C
3.040
3.080
3.110
V
–40 to 85°C
3.000
3.150
V
STM6xxxS
25°C
2.890
2.930
2.960
V
–40 to 85°C
2.857
3.000
V
STM6xxxR
25°C
2.590
2.630
2.660
V
–40 to 85°C
2.564
2.696
V
STM6xxxZ (6)
25°C
2.280
2.320
2.350
V
–40 to 85°C
2.250
2.380
V
Reset Threshold Hysteresis
L/M versions
10
mV
T/S/R/Z versions
5
mV
VCC to RST Delay
(VRST – VCC = 100mV, VCC
falling at 1mV/µs)
20
µs
trec
(7)
Reset Pulse Width
A1
1.4
2
ms
Blank
140
200
280
ms
J
240
280
480
ms
Reset Threshold
Temperature Coefficient
40
ppm
/°C
Push-button Reset Input
tMLMH
tMR
MR Pulse Width
1
µs
tMLRL
tMRD
MR to RST Output Delay
500
ns
MR Glitch Immunity
100
ns
MR Pull-up Resistor
35
52
75
k
Ω
Watchdog Timer
tWD
(7)
Watchdog Timeout Period
1.12
1.60
2.24
s
WDI Pulse Width
50
ns
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V for “L/M” versions; VCC = 2.7 to 3.6V for
“T/S/R” versions; and VCC = 2.1 to 2.75V for “Z” version (except where noted).
2.
VCC (min) = 1.0V for TA = 0 to +85°C.
3.
WDI input is designed to be driven by a three-state output device. To float WDI, the “high-impedance mode” of the output
device must have a maximum leakage current of 10µA and a maximum output capacitance of 200pF. The output device
must also be able to source and sink at least 200µA when active.
4.
WDI is internally serviced within the watchdog period if WDI is left unconnected.
5.
The leakage current measured on the RST pin is tested with the reset asserted (output high impedance).
6.
Contact local sales office for availability.
7.
Other trec and watchdog timings are offered. Minimum order quantities may apply. Contact local sales office for availability.
Sym
Alter-
native
Description
Test Condition (1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com