Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LFCP2FD18-034SA Datasheet(PDF) 1 Page - Littelfuse

Part # LFCP2FD18-034SA
Description  LFCP SERIES FUSED COORDINATION PANEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFCP2FD18-034SA Datasheet(HTML) 1 Page - Littelfuse

  LFCP2FD18-034SA Datasheet HTML 1Page - Littelfuse LFCP2FD18-034SA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Littelfuse.com/LFCP
© 2021 Littelfuse, Inc.
Rev: 0-A-072921
1 of 2
Pre-Engineered Solutions Datasheet
LFCP SERIES FUSED COORDINATION PANEL
Specifications
Voltage Ratings
600 V ac or less*
Ampere Ratings
60 A, 100 A and 200 A
Conductor Terminals
See next page
UL Listed
UL 67 Enclosed Panelboard
SCCR
200 kA at 600 V ac
Code Requirements
NEC requires that the following systems be selectively
coordinated:

Health Care Essential Electrical Systems (NEC 517.26)

Elevators (NEC 620.62)

Emergency Systems (NEC 700.32 in 2017)
(NEC700.28 in 2014)

Legally Required Standby Systems (NEC 701.18)

Critical Operations Power Systems (NEC 708.54)
Selective Coordination Panel
Description
The Littelfuse LFCP series fused coordination panel is a compact
fusible and easily configurable pre-engineered panel for circuits
requiring selective coordination. Rated up to 600 V ac, this
coordination panel saves time and money, plus increases safety,
by minimizing system downtime.
The advanced LFCP series is available with 200 kA SCCR rating
using Class CC and J fuses and can be used on branch and feeder/
service entrance circuits.
Applications

Elevators

Hospitals and medical centers

Hotels

Entertainment industry

Amusement parks and stadiums

Multi-unit residential constructions

Schools
Web Resources
For more information, visit: Littelfuse.com/LFCP
Additional Design Options

200 % neutral rating

Spare fuse storage (holds 10 spare CC fuses)

Surge protective device overvoltage protection
* Suitable for 120/208, 277/480 and 600 V ac applications
Features/Benefits

Meets NEC selective coordination code requirements

Main lug only or main fused disconnect options available

Class CC fuse holders have built-in open-circuit indication

35 A–200 A Class J fuses are available with open-circuit
indication

Uses standard disconnects and Class CC and J fuses

Feed-through lugs available

Neutral options are configurable for service entrance

Ground options can be field isolated

Copper bus standard

Surface mount

Available in standard 20” width enclosure for easy
installation

Door-in-door construction standard

NEMA 1 indoor enclosure


Similar Part No. - LFCP2FD18-034SA

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
LFCPH100145-10 SYNERGY-LFCPH100145-10 Datasheet
500Kb / 8P
PARALLEL ADDRESSABLE SYNTHESIZER
LFCPH181254-10 SYNERGY-LFCPH181254-10 Datasheet
565Kb / 8P
Parallel addressable SYNTHESIZER
logo
Lattice Semiconductor
LFCPNX LATTICE-LFCPNX Datasheet
4Mb / 185P
CertusPro-NX Family
December 2022
LFCPNX-100-7ABG-256A LATTICE-LFCPNX-100-7ABG-256A Datasheet
4Mb / 185P
CertusPro-NX Family
December 2022
LFCPNX-100-7ABG-256C LATTICE-LFCPNX-100-7ABG-256C Datasheet
4Mb / 185P
CertusPro-NX Family
December 2022
More results

Similar Description - LFCP2FD18-034SA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EP2M23012GCC COOPER-EP2M23012GCC Datasheet
136Kb / 2P
Coordination Module
logo
JDS Uniphase Corporatio...
AFF-1130 JDSU-AFF-1130 Datasheet
116Kb / 4P
Attenuator, Fused Fiber
logo
OPLINK Communications I...
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
Fused Fiber Coupler
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
logo
TEMEX
CFPX3000 TEMEX-CFPX3000 Datasheet
409Kb / 7P
A range of European Space Components Coordination (ESCC ) approved crystals
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com