Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6823LWY6E Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM6823LWY6E
Description  5-pin Supervisor with watchdog timer and push-button reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823LWY6E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM6823LWY6E Datasheet HTML 18Page - STMicroelectronics STM6823LWY6E Datasheet HTML 19Page - STMicroelectronics STM6823LWY6E Datasheet HTML 20Page - STMicroelectronics STM6823LWY6E Datasheet HTML 21Page - STMicroelectronics STM6823LWY6E Datasheet HTML 22Page - STMicroelectronics STM6823LWY6E Datasheet HTML 23Page - STMicroelectronics STM6823LWY6E Datasheet HTML 24Page - STMicroelectronics STM6823LWY6E Datasheet HTML 25Page - STMicroelectronics STM6823LWY6E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Part numbering
23/26
7
Part numbering
Table 8.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STM6xxx
LWY
6
E
Device Type
STM6xxx
Reset Threshold Voltage
L: VRST = 4.514 to 4.746V
M: VRST = 4.270 to 4.490V
T: VRST = 3.000 to 3.150V
S: VRST = 2.850 to 3.000V
R: VRST = 2.564 to 2.696V
Z: VRST = 2.250 to 2.380V
(1)
1.
Contact local sales office for availability.
Reset Pulse Width (2)
2.
Contact local sales office for availability. Other trec and watchdog timings are offered. Minimum order
quantities may apply. Contact local sales office for availability.
A: trec = 1 to 2ms
Blank: trec = 140 to 280ms
J: trec = 240 to 480ms
Package
WY = SOT23-5
Temperature range
6 = –40 to 85°C
Shipping method
E = ECOPACK Package, Tubes
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com