Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6823MAWY6F Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM6823MAWY6F
Description  5-pin Supervisor with watchdog timer and push-button reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823MAWY6F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM6823MAWY6F Datasheet HTML 16Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 17Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 18Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 19Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 20Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 21Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 22Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 23Page - STMicroelectronics STM6823MAWY6F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
DC and AC parameters
STM6321/6322STM6821/6822/6823/6824/6825
20/26
Table 6.
DC and AC characteristics
Sym
Alter-
native
Description
Test Condition (1)
Min
Typ
Max
Unit
VCC
Operating Voltage
1.2 (2)
5.5
V
ICC
VCC Supply Current
(MR and WDI unconnected)
T/S/R/Z (VCC < 3.6V)
4
12
µA
L/M (VCC < 5.5V)
6
17
µA
VCC Supply Current
(MR unconnected;
STM6322/6825)
T/S/R/Z (VCC < 3.6V)
3
8
µA
L/M (VCC < 5.5V)
3
12
µA
ILI
Input Leakage Current
0V = VIN = VCC
–1
+1
µA
Input Leakage Current
(WDI)(3)
WDI = VCC, time average
120
160
µA
WDI = GND, time average
–20
–15
µA
ILO
Open Drain Reset Output
Leakage Current
VCC > VRST,
Reset not asserted
–1
+1
µA
VIH
Input High Voltage (MR)
VRST > 4.0V
2.0
V
VRST < 4.0V
0.7VCC
V
VIH
Input High Voltage (WDI) (4)
VRST (max) < VCC < 5.5V
0.7VCC
V
VIL
Input Low Voltage (MR)
VRST > 4.0V
0.8
V
VRST < 4.0V
0.3VCC
V
VIL
Input Low Voltage (WDI) (4)
VRST (max) < VCC < 5.5V
0.3VCC
V
VOL
Output Low Voltage (RST;
Push-pull or Open Drain)
VCC ≥ 1.0V, ISINK = 50µA,
Reset asserted
0.3
V
VCC ≥ 1.2V, ISINK = 100µA,
Reset asserted
0.3
V
VCC ≥ 2.7V, ISINK = 1.2mA,
Reset asserted
0.3
V
VCC ≥ 4.5V, ISINK = 3.2mA,
Reset asserted
0.4
V
Output Low Voltage (RST;
Push-pull Only)
VCC ≥ 2.7V, ISINK = 1.2mA,
Reset not asserted
0.3
V
VCC ≥ 4.5V, ISINK = 3.2mA,
Reset not asserted
0.4
V
VOH
Output High Voltage (RST)
VCC ≥ 2.7V, ISOURCE = 500µA,
Reset not asserted
0.8VCC
V
VCC ≥ 4.5V, ISOURCE = 800µA
, Reset not asserted
0.8VCC
V
Output High Voltage (RST)
VCC ≥ 1.0V, ISOURCE = 1µA,
Reset asserted (0°C to 85°C)
0.8VCC
V
VCC ≥ 1.5V, ISOURCE = 100µA,
Reset asserted
0.8VCC
V
VCC ≥ 2.55V, ISOURCE = 500µA,
Reset asserted
0.8VCC
V
VCC ≥ 4.25V, ISOURCE = 800µA,
Reset asserted
0.8VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com