Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAL-1/2-5 Datasheet(PDF) 1 Page - Festo Corporation.

Part # PAL-1/2-5
Description  Common supply manifold
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

PAL-1/2-5 Datasheet(HTML) 1 Page - Festo Corporation.

  PAL-1/2-5 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common supply manifold
PAL-1/2-5
Part number: 9495
General operating condition
Data sheet
Feature
Value
Mounting position
Any
Max. no. of valve positions
5
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
1220 g
Type of mounting
With mounting bracket
Pneumatic connection 1
G3/4
Note on materials
RoHS-compliant
Material of sub-base
Aluminum
Anodized
2/13/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - PAL-1/2-5

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PAL-1/2-2 FESTO-PAL-1/2-2 Datasheet
97Kb / 1P
Common supply manifold
PAL-1/2-3 FESTO-PAL-1/2-3 Datasheet
76Kb / 1P
Common supply manifold
PAL-1/2-4 FESTO-PAL-1/2-4 Datasheet
94Kb / 1P
Common supply manifold
PAL-1/2-6 FESTO-PAL-1/2-6 Datasheet
92Kb / 1P
Common supply manifold
More results

Similar Description - PAL-1/2-5

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSCM-1MSA-20-2 RALSTON-QSCM-1MSA-20-2 Datasheet
349Kb / 1P
QSCM manifold
QSCM-2FSA-20-2 RALSTON-QSCM-2FSA-20-2 Datasheet
349Kb / 1P
QSCM manifold
QSCM-2MSA-20-2 RALSTON-QSCM-2MSA-20-2 Datasheet
349Kb / 1P
QSCM manifold
QTCM-1MBA-20-2 RALSTON-QTCM-1MBA-20-2 Datasheet
353Kb / 1P
QTCM manifold
QTCM-2FBA-20-2 RALSTON-QTCM-2FBA-20-2 Datasheet
353Kb / 1P
QTCM manifold
QTCM-2MBA-20-2 RALSTON-QTCM-2MBA-20-2 Datasheet
353Kb / 1P
QTCM manifold
logo
Testo SE & Co. KGaA
TESTO557 TESTO-TESTO557 Datasheet
1Mb / 2P
Digital manifold
TESTO549 TESTO-TESTO549 Datasheet
711Kb / 2P
Digital manifold
logo
Festo Corporation.
560967 FESTO-560967 Datasheet
97Kb / 1P
Electrical manifold module
8/10/22
571011 FESTO-571011 Datasheet
87Kb / 1P
Electrical manifold module
8/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com