Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBD3004S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD3004S
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD3004S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD3004S Datasheet HTML 1Page - Pan Jit International Inc. MMBD3004S Datasheet HTML 2Page - Pan Jit International Inc. MMBD3004S Datasheet HTML 3Page - Pan Jit International Inc. MMBD3004S Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0-DEC.20.2005
MMBD3004S
ELECTRICAL CHARACTERISTICS(TA=25oC,unless otherwise specified,per element)
C
I
T
S
I
R
E
T
C
A
R
A
H
CL
O
B
M
Y
SN
I
MP
Y
TX
A
MT
I
N
UN
O
I
T
I
D
N
O
C
T
S
E
T
)
2
e
t
o
N
(
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
)
R
B
(
0
5
3-
-
V
I R
0
5
1
=
µA
)
2
e
t
o
N
(
e
g
a
tl
o
V
d
r
a
w
r
o
FVF
-
8
7
.
0
3
9
.
0
3
0
.
1
7
8
.
0
0
.
1
5
2
.
1
V
I F
A
m
0
2
=
I F
A
m
0
0
1
=
I F
A
m
0
0
2
=
)
2
e
t
o
N
(
t
n
e
r
r
u
C
e
s
r
e
v
e
RI R
-
0
3
5
3
0
0
1
0
0
1
A
n
µA
VR
V
0
4
2
=
VR
T
,
V
0
4
2
=
J
0
5
1
=
oC
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
TCT
-0
.
10
.
5F
pVR
z
H
M
0
.
1
=
f
,
V
0
=
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
r
r
t-
-
0
5s
n
I F I
= R
A
m
0
3
=
R
,
A
m
0
.
3
=
r
r
I
L
0
0
1
=
Ω
Notes : 2. Short duration test pulse used to minimize self-heating effect



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com