Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS100 Datasheet(PDF) 1 Page - DFI Inc

Part # CMS100
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS100 Datasheet(HTML) 1 Page - DFI Inc

  CMS100 Datasheet HTML 1Page - DFI Inc CMS100 Datasheet HTML 2Page - DFI Inc CMS100 Datasheet HTML 3Page - DFI Inc CMS100 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMS100-W480E
CMS100-Q470E
CMS100-H420E
10th Gen Intel® CoreTM
Mini-ITX
KEY FEATURES
DDR4
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
2 DDR4 SODIMM up to
64GB
Supports 4K/ 2K
resolution
DP++ + HDMI + DVI-I +
LVDS/eDP, or DP++ +
DP++ + DVI-I + LVDS/eDP
1 PCIe x16,
1 M.2 2230 E Key,
1 M.2 2280 M Key,
1 M.2 2242/3042 B Key
1 Intel 2.5GbE,
1 Intel GbE, 2 COM,
up to 10 USB
Desktop
10th Gen Intel®Xeon/Core i7/i5/i3
USB 3.2 Gen2
COM 1-2
Top View
Bottom View
DVI-I
M.2 E key
DP++/HDMI
Nano SIM slot
DDR4 SODIMM 2933MHz
DP++
USB 2.0
ATX Power
Front Audio
PCIe x16 (Gen 3)
2.5GLAN 1
LAN 2
USB 3.2 Gen2
*The photo above refers to CMS100-Q470E
Intel® W480E/Q470E/
H420E Chipset
eDP
LPC
12V ATX Power
M.2 B key
SPI
SATA 3.0
DIO
Front Panel
LVDS
System Fan_1
M.2 M key
CPU Fan_1


Similar Part No. - CMS100

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CMS100N04D-HF COMCHIP-CMS100N04D-HF Datasheet
645Kb / 7P
MOSFET
REV:A
CMS100N04D2-HF COMCHIP-CMS100N04D2-HF Datasheet
534Kb / 6P
MOSFET
REV:A
More results

Similar Description - CMS100

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BM-0942 PROTECHSYSTEMS-BM-0942 Datasheet
664Kb / 2P
Mini ITX MB supports Intel 4th Gen.
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com