Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS101 Datasheet(PDF) 4 Page - DFI Inc

Part # CMS101
Description  10th Gen Intel® CoreTM Thin Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS101 Datasheet(HTML) 4 Page - DFI Inc

  CMS101 Datasheet HTML 1Page - DFI Inc CMS101 Datasheet HTML 2Page - DFI Inc CMS101 Datasheet HTML 3Page - DFI Inc CMS101 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
• 1 CMS101/CMS103 motherboard
• 1 Serial ATA data & power cable w/lock
(Length: 300mm)
A81-002101-016G
• 1 COM port cable (Length: 250mm, 1 x COM port)
A81-015011-001G
• 1 I/O shield w/ icon
A49-CMS101-010G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• Serial ATA data & power cable w/lock
(Length: 300mm)
A81-002101-016G
• Thermal solution (For 35W, Height: 29.4mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 45mm)
A71-103005-000G
• DT122 Chassis
761-DT1220-200G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
SPECIFICATION
Model Name
CMS101/CMS103-W480E
CMS101/CMS103-Q470E
CMS101/CMS103-H420E
INTERNAL I/O
SMBus
1 x SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
SECURITY
TPM
fTPM (default)
dTPM2.0 (opt.)
fTPM (default)
dTPM2.0 (opt.)
fTPM (default)
dTPM2.0 (opt.)
POWER
Type
CMS101: Single 12V +/-10% DC
CMS103: Wide Range 15~36V
CMS101: Single 12V +/-10% DC
CMS103: Wide Range 15~36V
CMS101: Single 12V +/-10% DC
CMS103: Wide Range 15~36V
Connector
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
Consumption Idle: i9-10900E 65W:
20V@ 0.82A (16.4W)
Max: i9-10900E 65W:
20V@ 9.02A (180.4W)
Idle: i9-10900E 65W:
20V@ 0.82A (16.4W)
Max: i9-10900E 65W:
20V@ 9.02A (180.4W)
Idle: i9-10900E 65W:
20V@ 0.82A (16.4W)
Max: i9-10900E 65W:
20V@ 9.02A (180.4W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Linux
Linux
Linux
Linux
ENVIRONMENT Temperature Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
CMS103-W480IB 554,497 hrs @
25°C; 325,039 hrs @ 45°C;
208,771 hrs @ 60°C;
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
CMS103-W480IB 554,497 hrs @
25°C; 325,039 hrs @ 45°C;
208,771 hrs @ 60°C;
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
CMS103-W480IB 554,497 hrs @
25°C; 325,039 hrs @ 45°C;
208,771 hrs @ 60°C;
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top side: 16.3mm
Bottom side: 4.4mm
PCB: 1.6mm
Top side: 16.3mm
Bottom side: 4.4mm
PCB: 1.6mm
Top side: 16.3mm
Bottom side: 4.4mm
CERTIFICATION Certification CE, FCC, RoHS, UKCA, UL, CB
CE, FCC, RoHS, UKCA, UL, CB
CE, FCC, RoHS, UKCA, UL, CB
Model Name
P/N
Memory
Rear I/O
Internal I/O
Power Operating
Temp.
Display 2.5 GbE
GbE
USB
M.2
USB
TPM
CMS101-Q470IB
770-CMS1011-000G
2 DDR4
2 DP++
1
2
4 USB 3.2 Gen2
M.2 M/B/E Key 4 USB 2.0 W/O TPM
12V
DC-Jack
-5 to 65°C
CMS101-W480IB 770-CMS1011-100G
4 USB 3.2 Gen2
12V
DC-Jack
CMS101-H420IB
770-CMS1011-200G
4 USB 3.2 Gen1
12V
DC-Jack
CMS103-Q470IB
770-CMS1031-000G
4 USB 3.2 Gen2
15~36V
DC-Jack
CMS103-W480IB 770-CMS1031-100G
4 USB 3.2 Gen2
15~36V
DC-Jack
CMS103-H420IB
770-CMS1031-200G
4 USB 3.2 Gen1
15~36V
DC-Jack



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com