Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS311 Datasheet(PDF) 3 Page - DFI Inc

Part # CMS311
Description  10th Gen Intel® CoreTM microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS311 Datasheet(HTML) 3 Page - DFI Inc

  CMS311 Datasheet HTML 1Page - DFI Inc CMS311 Datasheet HTML 2Page - DFI Inc CMS311 Datasheet HTML 3Page - DFI Inc CMS311 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
CMS311-W480E
CMS311-Q470E
System
Processor
10th Generation Intel® LGA 1200 Socket Processors, TDP support up to 125W
Intel® Xeon® W-1290E (10 Cores, 20M Cache, up to 4.8 GHz); 95W (ECC support on W480E SKU only)
Intel® Xeon® W-1290TE (10 Cores, 20M Cache, up to 4.5 GHz); 35W (ECC support on W480E SKU only)
Intel® Xeon® W-1270E (8 Cores, 16M Cache, up to 4.8 GHz); 80W (ECC support on W480E SKU only)
Intel® Xeon® W-1270TE (8 Cores, 16M Cache, up to 4.4 GHz); 35W (ECC support on W480E SKU only)
Intel® Xeon® W-1250E (6 Cores, 12M Cache, up to 4.7 GHz); 80W (ECC support on W480E SKU only)
Intel® Xeon® W-1250TE (6 Cores, 12M Cache, up to 3.8 GHz); 35W (ECC support on W480E SKU only)
Intel® Core™ i9-10900E (10 Cores, 20M Cache, up to 4.7 GHz); 65W
Intel® Core™ i9-10900TE (10 Cores, 20M Cache, up to 4.5 GHz); 35W
Intel® Core™ i7-10700E (8 Cores, 16M Cache, up to 4.5 GHz); 65W
Intel® Core™ i7-10700TE (8 Cores, 16M Cache, up to 4.4 GHz); 35W
Intel® Core™ i5-10500E (6 Cores, 12M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-10500TE (6 Cores, 12M Cache, up to 3.7 GHz); 35W
Intel® Core™ i3-10100E (4 Cores, 6M Cache, 3.8 GHz); 65W (ECC support on W480E SKU only)
Intel® Core™ i3-10100TE (4 Cores, 6M Cache, to 3.6 GHz); 35W (ECC support on W480E SKU only)
Intel® Pentium® G6400E (2 Cores, 4M Cache, 3.8 GHz); 58W (Not support on W480E SKU)
Intel® Celeron® G5900E (2 Cores, 2M Cache, 3.2 GHz); 58W (Not support on W480E SKU)
Intel® Celeron® G5900TE (2 Cores, 2M Cache, 3.0 GHz); 35W (Not support on W480E SKU)
Chipset
Intel® W480E Chipset
Intel® Q470E Chipset
Memory
Four 288-pin UDIMM up to 128GB (ECC/Non-ECC)
Dual Channel DDR4 2400/2666/2933 MHz
Four 288-pin UDIMM up to 128GB (Non-ECC)
Dual Channel DDR4 2400/2666/2933 MHz
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
Graphics
Controller
Intel® HD Gen 9 Graphics
Intel® HD Gen 9 Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG,
HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG,
HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DP++
1 x HDMI 1.4b
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
1 x VGA
1 x DP++
1 x HDMI 1.4b
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
Triple Displays
VGA + DP++ + HDMI
VGA + DP++ + HDMI
Expansion
Interface
2 x PCIe x16 (Gen 3)
(1 x16 signals or 2 x8 signals)
1 x PCIe x4 (Gen 3)
1 x PCIe x1 (Gen3)
1 x M.2 2242/2260/2280 M key (PCIe x4 NVMe
with intel RST/Intel Optane Memory support)
2 x PCIe x16 (Gen 3)
(1 x16 signals or 2 x8 signals)
1 x PCIe x4 (Gen 3)
1 x PCIe x1 (Gen3)
1 x M.2 2242/2260/2280 M key (PCIe x4 NVMe
with intel RST/Intel Optane Memory support)
Audio
Audio Codec
Realtek ALC888
Realtek ALC888
Ethernet
Controller
1 x Intel® i219LM PCIe (10/100/1000Mbps)
(only Xeon, Core i9/i7/i5 support iAMT)
1 x Intel® i210AT PCIe (10/100/1000Mbps)
1 x Intel® x550-AT2 (2 x 10GbE)
1 x Intel® i219LM PCIe (10/100/1000Mbps)
(only Xeon, Core i9/i7/i5 support iAMT)
1 x Intel® i210AT PCIe (10/100/1000Mbps)
1 x Intel® x550-AT2 (2 x 10GbE)
Rear I/O
Ethernet
2 x GbE (RJ-45)
2 x 10GbE (RJ-45)
2 x GbE (RJ-45)
2 x 10GbE (RJ-45)
USB
2 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
2 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
Display
1 x VGA
1 x DP++
1 x HDMI 1.4b
1 x VGA
1 x DP++
1 x HDMI 1.4b
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
Internal I/O
Serial
2 x RS-232/422/485 (RS-232 w/ power)
(2.54mm pitch)
2 x RS-232/422/485 (RS-232 w/ power)
(2.54mm pitch)
USB
2 x USB 3.2 Gen 2
2 x USB 3.2 Gen 1
4 x USB 2.0 (2.54mm pitch)
(colay vertical Type A, MOQ required)
2 x USB 3.2 Gen 2
2 x USB 3.2 Gen 1
4 x USB 2.0 (2.54mm pitch)
(colay vertical Type A, MOQ required)
Audio
1 x Front Audio Header
1 x S/PDIF
1 x Front Audio Header
1 x S/PDIF
SATA
5 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
5 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
DIO
1 x 16-bit DIO
1 x 16-bit DIO
LPC
1 x LPC
1 x LPC
SMBus
1 x SMBus
1 x SMBus
Watchdog Timer
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
Security
TPM
Infineon TPM2.0 (opt., MOQ required)
Infineon TPM2.0 (opt., MOQ required)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com