Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54283PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54283PWPR
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54283PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54283PWPR Datasheet HTML 17Page - Texas Instruments TPS54283PWPR Datasheet HTML 18Page - Texas Instruments TPS54283PWPR Datasheet HTML 19Page - Texas Instruments TPS54283PWPR Datasheet HTML 20Page - Texas Instruments TPS54283PWPR Datasheet HTML 21Page - Texas Instruments TPS54283PWPR Datasheet HTML 22Page - Texas Instruments TPS54283PWPR Datasheet HTML 23Page - Texas Instruments TPS54283PWPR Datasheet HTML 24Page - Texas Instruments TPS54283PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
www.ti.com
f
f
ZERO(desired)
ESR(zero)
R2
R3
1
=
æ
ö
æ
ö
ç
÷
-
ç
÷
ç
÷
ç
÷
è
ø
è
ø
(4)
f
EQ
ESR(zero)
1
C1
2
R
=
p ´
´
(5)
EQ
1
R
R3
1
1
R1
R2
=
+
æ
ö
æ
ö
æ
ö
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
(6)
f
EQ
POLE(desired)
1
C1
2
R
=
p ´
´
(7)
EQ
1
R
R3
1
1
R1
R2
=
+
æ
ö
æ
ö
æ
ö
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
(8)
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
The value of the resistor is calculated using a ratio of impedances to match the ratio of ESR zero frequency to
the desired zero frequency.
where
• f
ESR(zero) is the ESR zero frequency of the output capacitor
• f
ZERO(desired) is the desired frequency of the zero added to the feedback. This frequency should be placed
between 20 kHz and 60 kHz to ensure good loop stability.
The value of the capacitor is calculated in Equation 5.
where:
• R
EQ is an equivalent impedance created by the parallel combination of the voltage setting divider resistors (R1
and R2) in series with R3.
Using All Ceramic Output Capacitors
With low ESR ceramic capacitors, there may not be enough phase margin at the crossover frequency. In this
case, (Ref Figure 29) resistor R3 is set equal to 1/2 R2. This will lower the gain by 6dB, reduce the crossover
frequency, and improve phase margin.
The value of C1 is found by determining the frequency to place the low frequency pole. The minimum frequency
to place the pole is 1 kHz. Any lower, and the time constant will be too slow and interfere with the internal soft
start. (Ref. Soft Start) The upper bound for the pole frequency is determined by the operating frequency of the
converter. It is 3 kHz for the TPS54x83, and 6 kHz for the TPS54x86. C1 is then found from Equation 7. Keep
component tolerances in mind when selecting the desired pole frequency.
where:
• f
POLE(desired)is the desired pole frequency between 1 kHz and 3 kHz (TPS54x83) or 1 kHz and 6 kHz
(TPS54x86).
• R
EQ is an equivalent impedance created by the parallel combination of the voltage setting divider resistors (R1
and R2) in series with R3.
If it is necessary to increase phase margin, place a capacitor in parallel with the upper voltage setting divider
resistor (Ref. C2 in Equation 9).
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com