Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJSDA6V1BC6 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSDA6V1BC6
Description  QUAD BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSDA6V1BC6 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSDA6V1BC6 Datasheet HTML 1Page - Pan Jit International Inc. PJSDA6V1BC6 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PJSDA6V1BC6
QUAD BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
SPECIFICATION FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Units
This Quad TVS/Zener Array has been designed to Protect Sensitive Equipment
against ESD and to prevent Latch-Up events in CMOS circuitry
operating at 5Vdc and below. This TVS array offers an integrated solution to
protect up to 4 data lines where the board space is a premium.
150W Power Dissipation (8/20µs Waveform)
Low Leakage Current, Maximum of 1µA @ 5Vdc
Very low Clamping voltage (Max of 10V @ 14A 8/20µs)
IEC61000-4-2 ESD 15kV air, 8kV Contact Compliance
Industry standard SOT23-6L
Personal Digital Assistant (PDA)
SIM Card Port Protection (Mobile Phone)
Portable Instrumentation
Mobile Phones and Accessories
Computer Data Ports
ELECTRICAL CHARACTERISTICS
Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and pin 7
5 Vdc Bias f = 1MHz
Between I/O pins and pin 7
5v
6.2
7.2
V
µA
11
V
13
V
90
pF
pF
50
1 mA
5V
1
5 Amps
10 Amps
150
14
>25
-55 to +150
-55 to +150
W
A
kV
°C
°C
Peak Pulse Power (8/20µs Waveform)
Peak Pulse Current (8/20µs Waveform)
ESD Voltage (HBM)
Operating Temperature Range
Storage Temperature Range
P pp
I pp
V ESD
TJ
Tstg
4/10/2006
Page
1
www.panjit.com
1
2
3
6
5
4
1
2
3
6
5
4
Marking Code
616
SOT23-6L
100% Tin Matte Finish (RoHS Compliant)


Similar Part No. - PJSDA6V1BC6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
148Kb / 4P
QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
More results

Similar Description - PJSDA6V1BC6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJESD5V0BQ4G PANJIT-PJESD5V0BQ4G Datasheet
49Kb / 3P
QUAD BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJESD5V0Q4G PANJIT-PJESD5V0Q4G Datasheet
50Kb / 3P
QUAD TVS/ZENER ARRAY FOR ESD PROTECTION
PJT5V0BQG PANJIT-PJT5V0BQG Datasheet
49Kb / 3P
TRIPLE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJSDA05C-5 PANJIT-PJSDA05C-5 Datasheet
71Kb / 2P
FIVE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
logo
Weitron Technology
ESD9DXXC WEITRON-ESD9DXXC Datasheet
1Mb / 3P
BI-Directional TVS for ESD Protection
logo
KODENSHI_AUK CORP.
NDB171 KODENSHI-NDB171 Datasheet
151Kb / 5P
Bi-directional ESD Protection TVS Diode
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
ESD Protection (Bi-Directional)
logo
Shanghai Leiditech Elec...
P0060TA-ESD LEIDITECH-P0060TA-ESD Datasheet
2Mb / 4P
Integrated Bi-directional TVS for ESD protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com