Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G3PC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3PC
Description  SSR with Failure Detection Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PC Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3PC_07 Datasheet HTML 1Page - Omron Electronics LLC G3PC_07 Datasheet HTML 2Page - Omron Electronics LLC G3PC_07 Datasheet HTML 3Page - Omron Electronics LLC G3PC_07 Datasheet HTML 4Page - Omron Electronics LLC G3PC_07 Datasheet HTML 5Page - Omron Electronics LLC G3PC_07 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
J-72
SSR with Failure Detection Function
G3PC
I Characteristics
Engineering Data
Operate time
1/2 of load power source cycle + 1 ms max.
Release time
1/2 of load power source cycle + 1 ms max.
Main circuit
Output ON voltage drop
1.6 V rms max.
OFF leakage current
10 mA max. (at 200 VAC)
Alarm output
Output ON voltage drop
1.5 V max.
OFF leakage current
0.1 mA max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to10 Hz, 0.35-mm single amplitude
Shock resistance
Destruction: 294 m/s2
Ambient temperature
Operating: -20 to 60
°C (with no icing or condensation)
Storage: -30 to 70
°C (with no icing or condensation)
Ambient operating humidity
45% to 85%
Weight
Approx. 300 g
Approved standards
UL508, CSA22.2 No. 14, EN60947-4-3 (IEC947-4-3) approved by VDE
EMC
Emission
EN55011 Group 1 Class B
Immunity
ESD
IEC947-4-3, EN61000-4-2
4 kV contact discharge
8 kV air discharge
Immunity
Electromagnetic
IEC947-4-3, EN61000-4-3
10 V/m (80 MHz to 1 GHz)
Immunity
EFT
IEC947-4-3, EN61000-4-4
2 kV AC power-signal line
Immunity
Surge transient
IEC947-4-3, EN61000-4-5
2 kV
Immunity
RF disturbance
IEC947-4-3, EN61000-4-6
10 V (0.15 to 80 MHz)
Immunity
Dips
IEC947-4-3, EN61000-4-11
0
2
4
6
8
10
25
20
15
10
5
0
10
20
30
40
-20
0
20
40
60
80
100
10
30 50
100
300 500 1,000 3,000 5,000
0
50
100
150
200
250
The figure will be less than 1/2 for repetitive
input.
Inrush Current Resistivity
(Non-repetitive Input)
Load Current vs.
Ambient Temperature
Input Voltage vs. Input
Current
Input Voltage vs. Input
Impedance
Ta = +25
°C
Input impedance
Input current
Energized time (ms)
Ambient temperature (˚C)
Input voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com