Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC-680/50V Datasheet(PDF) 1 Page - AG Electronica

Part # CC-680/50V
Description  Ejemplo: CC-.0015/50V Capacitor Cerámico 0.0015uF 50V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CC-680/50V Datasheet(HTML) 1 Page - AG Electronica

  CC-680/50V Datasheet HTML 1Page - AG Electronica CC-680/50V Datasheet HTML 2Page - AG Electronica CC-680/50V Datasheet HTML 3Page - AG Electronica CC-680/50V Datasheet HTML 4Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Capacitor Cerámico
Clave:
CC
-
Capacitancia
/
Voltaje de trabajo
Ejemplo:
CC-.0015/50V
Capacitor Cerámico 0.0015uF 50V
Características:
 Amplia selección de las características de temperatura
 Alta resistencia de aislamiento
 Excelentes características a alta frecuencia
Rango De Temperatura De Funcionamiento:
-25°C a
85°C (-13°F a
185°F)
Especificaciones:
Rango de Capacitancia:
1pF~
0.22μF (100,000pF)
Tensión:
50 Vdc~10,000 Vdc
Aplicaciones:
Para la compensación de temperatura en circuitos de frecuencia y filtros
discriminantes,
acoplamiento
y
desacoplamiento
en
circuitos
de
alta
frecuencia para tener baja pérdidas y tolerancias de capacitancia estrechas
como RFI y sistemas de seguridad.


Similar Part No. - CC-680/50V

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CC-6NMNM010 L-COM-CC-6NMNM010 Datasheet
103Kb / 1P
N MALE TO N MALE WITH CA-600 COAX CABLE
08/20/2024
CC-6NMNM025 L-COM-CC-6NMNM025 Datasheet
103Kb / 1P
N MALE TO N MALE WITH CA-600 COAX CABLE
08/20/2024
CC-6NMNM030 L-COM-CC-6NMNM030 Datasheet
103Kb / 1P
N MALE TO N MALE WITH CA-600 COAX CABLE
08/20/2024
CC-6NMNM040 L-COM-CC-6NMNM040 Datasheet
103Kb / 1P
N MALE TO N MALE WITH CA-600 COAX CABLE
08/20/2024
More results

Similar Description - CC-680/50V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R71H102K MURATA-GCM155R71H102K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 1nF 50V
GCM155R71H221K MURATA-GCM155R71H221K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 220pF 50V
GCM155R71H223K MURATA-GCM155R71H223K Datasheet
28Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 22nF 50V
GCM155R71H472K MURATA-GCM155R71H472K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 4.7nF 50V
GCM1885C1H152J MURATA-GCM1885C1H152J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 C0G 1.5nF 50V
GCM2165C1H332J MURATA-GCM2165C1H332J Datasheet
55Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 C0G 3.3nF 50V
GRM155R71H223K MURATA-GRM155R71H223K Datasheet
27Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 22nF 50V
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
GRM1857U1H472J MURATA-GRM1857U1H472J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 U2J 4700pF 50V
logo
Central Semiconductor C...
PB-CMKT3920_1509 CENTRAL-PB-CMKT3920_1509 Datasheet
1Mb / 2P
50V, 200mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com