Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LS138 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74LS138
Description  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LS138 Datasheet(HTML) 2 Page - Silicon Supplies

  74LS138_V01 Datasheet HTML 1Page - Silicon Supplies 74LS138_V01 Datasheet HTML 2Page - Silicon Supplies 74LS138_V01 Datasheet HTML 3Page - Silicon Supplies 74LS138_V01 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.siliconsupplies.com
d
Low Power Schottky Logic – 74LS138
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A
0.173
0.875
2
B
0.197
0.169
3
C
0.361
0.171
4
G2A
0.725
0.176
5
G2B
0.929
0.184
6
G1
1.141
0.220
7
Y7
1.405
0.221
8
GND
1.425
0.461
9
Y6
1.393
0.695
10
Y5
1.398
1.054
11
Y4
1.198
1.395
12
Y3
1.022
1.395
13
Y2
0.804
1.395
14
Y1
0.524
1.395
15
Y0
0.202
1.395
16
VCC
0.135
1.099
CONNECT CHIP BACK TO GND OR FLOAT
Pad Layout and Functions
1660µm (65.35 mils)
0,0
13
12
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14
15
16
Truth Table
INPUTS
OUTPUTS
G1
G2A
G2B
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
H
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
X
H
H
H
H
H
H
H
H
L
X
X
X
X
X
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
L
L
L
L
H
H
L
H
H
H
H
H
H
H
L
L
L
H
L
H
H
L
H
H
H
H
H
H
L
L
L
H
H
H
H
H
L
H
H
H
H
H
L
L
H
L
L
H
H
H
H
L
H
H
H
H
L
L
H
L
H
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
X = Don’t care



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com