Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WPC2512QLR004FWR Datasheet(PDF) 6 Page - Littelfuse

Part # WPC2512QLR004FWR
Description  Two-Terminal Surface Mount Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WPC2512QLR004FWR Datasheet(HTML) 6 Page - Littelfuse

  WPC2512QLR004FWR Datasheet HTML 1Page - Littelfuse WPC2512QLR004FWR Datasheet HTML 2Page - Littelfuse WPC2512QLR004FWR Datasheet HTML 3Page - Littelfuse WPC2512QLR004FWR Datasheet HTML 4Page - Littelfuse WPC2512QLR004FWR Datasheet HTML 5Page - Littelfuse WPC2512QLR004FWR Datasheet HTML 6Page - Littelfuse WPC2512QLR004FWR Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Current Sense Resistor Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 10/29/24
6
Two-Terminal Surface Mount Resistor
WPA/B/C Series
Dimensions
Recommended Land Pattern
All dimensions in mm
Part Number
W
L
T
A
WPA1206 R001
1.60±0.20
3.30±0.20
0.90±0.20
0.70±0.30
WPA1206 R002-R005
0.80±0.20
WPA1206 R006-R015
WPB2512 0M50, 0M75
3.20±0.30
6.40±0.30
1.05±0.20
1.90±0.25
WPB2512 R001, 1M50
3.20±0.30
6.40±0.30
0.90±0.20
1.90±0.25
WPB2512 R002~R056
3.20±0.30
6.40±0.30
0.90±0.20
0.80±0.25
WPC2512 0M50~0M75
3.20±0.30
6.40±0.30
1.05±0.20
1.90±0.25
WPC2512 R001~R004
3.20±0.30
6.40±0.30
1.10±0.20
0.80±0.25
WPC2512 R005~R056
3.20±0.30
6.40±0.30
0.90±0.20
0.80±0.25
Part Number
P
W
D
Loading
WPA1206
1.20mm
1.84mm
1.80mm
1.0 W
WPB2512
0M50, 0M75, R001, 1M50
1.50 mm
3.57 mm
2.95 mm
2.0 W
WPB2512
R002~R056
3.18 mm
3.57 mm
2.11 mm
2.0 W
WPC2512
0M50~0M75
1.50 mm
3.57 mm
2.95 mm
3.0 W
WPC2512
R001~R056
3.18 mm
3.57 mm
2.11 mm
3.0 W
Packaging
Part Number
Halogen Free
Packaging Option
Quantity
Quantity & Packaging Codes
WPA1206
Yes
Tape and Reel
4000
YR
WPB2512 0M50, 0M75
Yes
Tape and Reel
3000
WR
WPB2512 1M50, R001~R056
Yes
Tape and Reel
4000
YR
WPC2512 0M50, 0M75
Yes
Tape and Reel
3000
WR
WPC2512 R001~R004
Yes
Tape and Reel
3000
WR
WPC2512 R005~R056
Yes
Tape and Reel
4000
YR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com