Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4093B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4093B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4093B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4093B Datasheet HTML 1Page - Silicon Supplies CD4093B Datasheet HTML 2Page - Silicon Supplies CD4093B Datasheet HTML 3Page - Silicon Supplies CD4093B Datasheet HTML 4Page - Silicon Supplies CD4093B Datasheet HTML 5Page - Silicon Supplies CD4093B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
CMOS High Voltage Logic – CD4093B
Rev 1.0
21/11/17
 
 
LIMITS
DC Electrical Characteristics Continued (Voltages referenced to V
SS)
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
SYMBOL
VDD
CONDITIONS
FULL RANGE
4
25°C
85°C
UNITS
5V
VIN = VDD or VSS
VOH = 2.5V
-2.0
-1.6
-1.15
5V
VIN = VDD or VSS
VOH = 4.6V
-0.64
-0.42
-0.36
10V
VIN = VDD or VSS
VOH = 9.5V
-1.6
-1.1
-0.9
Minimum Output
High (Source)
Current
IOH
mA
15V
VIN = VDD or VSS
VOH = 13.5V
-4.2
-2.8
-2.4
5V
3.6
3.6
3.6
10V
7.1
7.1
7.1
15V
Input A or B;
other inputs VDD
10.8
10.8
10.8
V
5V
4.0
4.0
4.0
10V
8.2
8.2
8.2
Maximum Positive-
Going Input
Threshold Voltage
VT+ MAX
Input A and B;
other inputs VDD
V
15V
12.7
12.7
12.7
5V
2.2
2.2
2.2
10V
4.6
4.6
4.6
Input A or B;
V
other inputs VDD
15V
6.8
6.8
6.8
5V
2.6
2.6
2.6
10V
5.6
5.6
5.6
Minimum Positive-
Going Input
VT+ MIN
Threshold Voltage
Input A and B;
V
other inputs VDD
15V
6.3
6.3
6.3
5V
2.8
2.8
2.8
10V
5.2
5.2
5.2
Input A or B;
V
other inputs VDD
15V
7.4
7.4
7.4
5V
3.2
3.2
3.2
10V
6.6
6.6
6.6
Maximum Negative-
Going Input
VT- MAX
Input A or B;
Threshold Voltage
other inputs VDD
V
Input A and B;
15V
other inputs VDD
9.6
9.6
9.6
5V
0.9
0.9
0.9
10V
2.5
2.5
2.5
Input A or B;
V
other inputs VDD
15V
4
4
4
5V
1.4
1.4
1.4
10V
3.4
3.4
3.4
Minimum Negative-
Going Input
VT- MIN
Threshold Voltage
Input A and B;
V
other inputs VDD
15V
4.8
4.8
4.8
 
4.   -55˚C ≤ TJ ≤ +125˚C
Page 4 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com