Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4040D-2.5 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM4040D-2.5
Description  Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM4040D-2.5 Datasheet(HTML) 2 Page - Silicon Supplies

  LM4040D-2.5_V01 Datasheet HTML 1Page - Silicon Supplies LM4040D-2.5_V01 Datasheet HTML 2Page - Silicon Supplies LM4040D-2.5_V01 Datasheet HTML 3Page - Silicon Supplies LM4040D-2.5_V01 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.siliconsupplies.com
d
Voltage Reference – LM4040D-2.5
Rev 1.1
29/07/22
Pad Layout and Functions
Typical Application
An external series resistor (RS) is connected between the supply voltage, VS, and the
LM4040D.
RS determines the current that flows through the load (IL) and the LM4040D (IR). Since
load current and supply voltage may vary, RS should be small enough to supply at least
the minimum acceptable IR to the LM4040D even when the supply voltage is at its
minimum and the load current is at its maximum value. When the supply voltage is at
its maximum and IL is at its minimum, RS should be large enough so that the current
flowing through the LM4040D is less than 15mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR),
and the LM4040D’s reverse breakdown voltage, VR.
VS - VR
IL + IR
RS =
VS
RS
VO
IR
IL
IL + IR
VR
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
CATHODE +
120
580
2
ANODE
–
120
135
3
NO CONNECT
530
135
4
NO CONNECT
600
480
5
NO CONNECT
595
610
6
NO CONNECT
430
610
7
NO CONNECT
275
610
CONNECT CHIP BACK TO GND
800µm (31.50 mils)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com