Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAS2-NSAGAAA0888030EC Datasheet(PDF) 1 Page - Evolt

Part # CAS2-NSAGAAA0888030EC
Description  CASCADE 2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

CAS2-NSAGAAA0888030EC Datasheet(HTML) 1 Page - Evolt

  CAS2-NSAGAAA0888030EC Datasheet HTML 1Page - Evolt CAS2-NSAGAAA0888030EC Datasheet HTML 2Page - Evolt CAS2-NSAGAAA0888030EC Datasheet HTML 3Page - Evolt CAS2-NSAGAAA0888030EC Datasheet HTML 4Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CASCADE 2
ORDERING INFORMATION
Order code
CAS2-NSAGAAA0888030EC
Description
Cascade 2 11.6W Troffer range /
210mm x 336mm / 3000k /
80cri / 0880lm
Driver Type
Fixed output
Included options
Standard Diffuser, Standard
Fixed Output Driver, Hardwired,
Driver 300 mA
EFFICIENCIES
Chip Efficiency
113 lm/W
Optical Efficiency
80 %
Luminare Efficiency
91 lm/W
Driver Efficiency
82 %
Total System Efficiency
75 lm/W
The performance of each component of a luminaire is demonstrated through its
efficiencies, which together determine the total system efficiency of the
product. The output of the LED chip is first multiplied by the optical and thermal
efficiencies to calculate the Luminaire efficiency. However, this calculation does
not consider the driver efficiency. To determine the overall efficiency of the
system, the Luminaire efficiency must be multiplied by the driver efficiency,
which accounts for all losses in the system.
MECHANICAL
Body Material
Zinc Annealed Steel
Diffuser Material
PMMA
Product Finish
Powder coated
Installation Type
Recessed
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class I
Maximum Wattage
11.6 W
Working Temp Range
-20 to 40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
Colour Rendering Index (CRI)
>80
CRI (R9)
22.44
Light Output Ratio (LOR)
80 %
M/P Ratio (MR)
0.43
UGR
31
UGR (Unified Glare Rating) is reported as per AS/NZS 1680.2 using the following
design parameters; room reflectance 0.7/0.5/0.2 (C/W/F), ceiling height 2.7m,
LLF=0.8 (Nominal) from the corrected UGR table.
CRI (RA)
81.46
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - CAS2-NSAGAAA0888030EC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CAS21C222KARFC KEMET-CAS21C222KARFC Datasheet
251Kb / 1P
CAS SMD SFTY 250, Ceramic, 2200 pF, 10%, X7R, Industrial Grade, Safety MLCC, X1/Y2, 2220
CAS21C471DAGFC KEMET-CAS21C471DAGFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS21C471DAGGC KEMET-CAS21C471DAGGC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS21C471DARFC KEMET-CAS21C471DARFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS21C471DARGC KEMET-CAS21C471DARGC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
More results

Similar Description - CAS2-NSAGAAA0888030EC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Jul-2003
logo
Panasonic Semiconductor
MAF00009AEM PANASONIC-MAF00009AEM Datasheet
436Kb / 3P
Cascade connection possible (usable as a 16-bit to 32-bit timer)
logo
Summit Microelectronics...
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
logo
Silan Microelectronics ...
SC16722 SILAN-SC16722 Datasheet
188Kb / 7P
CASCADE LED DRIVER OF HEAVY CURRENT
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
Delta/sigma cascade 20 bit stereo DAC
06-Feb-2009
logo
Hamamatsu Corporation
L12004-2209H-C HAMAMATSU-L12004-2209H-C Datasheet
544Kb / 8P
Quantum Cascade Laser
logo
Roithner LaserTechnik G...
FP-QCL-9120-100 ROITHNER-FP-QCL-9120-100 Datasheet
169Kb / 2P
FQ Quantum Cascade Lasers in the 9.1
DFB-QCL-9120-100 ROITHNER-DFB-QCL-9120-100 Datasheet
147Kb / 2P
DFP Quantum Cascade Lasers in the 9.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com