Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM358 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM358
Description  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM358 Datasheet(HTML) 2 Page - Silicon Supplies

  LM358 Datasheet HTML 1Page - Silicon Supplies LM358 Datasheet HTML 2Page - Silicon Supplies LM358 Datasheet HTML 3Page - Silicon Supplies LM358 Datasheet HTML 4Page - Silicon Supplies LM358 Datasheet HTML 5Page - Silicon Supplies LM358 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dual Operational Amplifier – LM358
Rev 1.1
21/01/18
COORDINATES
(mm)
PAD
FUNCTION
X
Y
1 
OUTPUT A 
0.1285 
0.5015 
2 
– INPUT A 
0.1125 
0.2425 
3 
+ INPUT A 
0.1125 
0.1125 
4 
GND 
0.4600 
0.1075 
5 
+ INPUT B 
0.8075 
0.1125 
6 
– INPUT B 
0.8075 
0.2425 
7 
OUTPUT B 
0.7915 
0.5015 
8 
VCC 
0.4600 
0.5175 
CHIP BACK POTENTIAL IS FLOAT 
 
Pad Layout and Functions
Logic Diagram
920µm (36.22 mils)
0,0
6 
5 
4 
8
2 
1
DIE ID
7
3 
IN 1 (-) 2
IN 1(+) 3
OUT A
IN 2(+) 5
IN 2 (-) 6
OUT B
PAD 8 = VCC
PAD 4 = GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com