Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 370 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 370 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 366Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 367Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 368Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 369Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 370Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 371Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 372Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 373Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 374Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
370
Freescale Semiconductor
8.3.2.2
PWM Polarity Register (PWMPOL)
The starting polarity of each PWM channel waveform is determined by the associated PPOLx bit in the
PWMPOL register. If the polarity bit is one, the PWM channel output is high at the beginning of the cycle
and then goes low when the duty count is reached. Conversely, if the polarity bit is zero, the output starts
low and then goes high when the duty count is reached.
Read: Anytime
Write: Anytime
NOTE
PPOLx register bits can be written anytime. If the polarity is changed while
a PWM signal is being generated, a truncated or stretched pulse can occur
during the transition
8.3.2.3
PWM Clock Select Register (PWMCLK)
Each PWM channel has a choice of two clocks to use as the clock source for that channel as described
below.
Read: Anytime
Write: Anytime
76543210
R
PPOL7
PPOL6
PPOL5
PPOL4
PPOL3
PPOL2
PPOL1
PPOL0
W
Reset
00000000
Figure 8-4. PWM Polarity Register (PWMPOL)
Table 8-2. PWMPOL Field Descriptions
Field
Description
7–0
PPOL[7:0]
Pulse Width Channel 7–0 Polarity Bits
0 PWM channel 7–0 outputs are low at the beginning of the period, then go high when the duty count is
reached.
1 PWM channel 7–0 outputs are high at the beginning of the period, then go low when the duty count is
reached.
76543210
R
PCLK7
PCLKL6
PCLK5
PCLK4
PCLK3
PCLK2
PCLK1
PCLK0
W
Reset
00000000
Figure 8-5. PWM Clock Select Register (PWMCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com