Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 373 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 373 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 369Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 370Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 371Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 372Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 373Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 374Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 375Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 376Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 377Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
373
Read: Anytime
Write: Anytime
NOTE
Write these bits only when the corresponding channel is disabled.
8.3.2.6
PWM Control Register (PWMCTL)
The PWMCTL register provides for various control of the PWM module.
Read: Anytime
Write: Anytime
There are three control bits for concatenation, each of which is used to concatenate a pair of PWM
channels into one 16-bit channel. When channels 6 and 7are concatenated, channel 6 registers become the
high order bytes of the double byte channel. When channels 4 and 5 are concatenated, channel 4 registers
become the high order bytes of the double byte channel. When channels 2 and 3 are concatenated, channel
2 registers become the high order bytes of the double byte channel. When channels 0 and 1 are
concatenated, channel 0 registers become the high order bytes of the double byte channel.
See Section 8.4.2.7, “PWM 16-Bit Functions” for a more detailed description of the concatenation PWM
Function.
NOTE
Change these bits only when both corresponding channels are disabled.
Table 8-7. PWMCAE Field Descriptions
Field
Description
7–0
CAE[7:0]
Center Aligned Output Modes on Channels 7–0
0 Channels 7–0 operate in left aligned output mode.
1 Channels 7–0 operate in center aligned output mode.
76543210
R
CON67
CON45
CON23
CON01
PSWAI
PFRZ
00
W
Reset
00000000
= Unimplemented or Reserved
Figure 8-8. PWM Control Register (PWMCTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com