Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 373Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 374Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 375Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 376Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 377Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 378Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 379Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 380Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
377
NOTE
Writing to these registers when in special modes can alter the PWM
functionality.
8.3.2.12
PWM Channel Counter Registers (PWMCNTx)
Each channel has a dedicated 8-bit up/down counter which runs at the rate of the selected clock source.
The counter can be read at any time without affecting the count or the operation of the PWM channel. In
left aligned output mode, the counter counts from 0 to the value in the period register - 1. In center aligned
output mode, the counter counts from 0 up to the value in the period register and then back down to 0.
Any value written to the counter causes the counter to reset to $00, the counter direction to be set to up,
the immediate load of both duty and period registers with values from the buffers, and the output to change
according to the polarity bit. The counter is also cleared at the end of the effective period (see
Section 8.4.2.5, “Left Aligned Outputs” and Section 8.4.2.6, “Center Aligned Outputs” for more details).
When the channel is disabled (PWMEx = 0), the PWMCNTx register does not count. When a channel
becomes enabled (PWMEx = 1), the associated PWM counter starts at the count in the PWMCNTx
register. For more detailed information on the operation of the counters, see Section 8.4.2.4, “PWM Timer
Counters”.
In concatenated mode, writes to the 16-bit counter by using a 16-bit access or writes to either the low or
high order byte of the counter will reset the 16-bit counter. Reads of the 16-bit counter must be made by
16-bit access to maintain data coherency.
NOTE
Writing to the counter while the channel is enabled can cause an irregular PWM cycle to occur.
Read: Anytime
Write: Anytime (any value written causes PWM counter to be reset to $00).
8.3.2.13
PWM Channel Period Registers (PWMPERx)
There is a dedicated period register for each channel. The value in this register determines the period of
the associated PWM channel.
The period registers for each channel are double buffered so that if they change while the channel is
enabled, the change will NOT take effect until one of the following occurs:
•
The effective period ends
•
The counter is written (counter resets to $00)
•
The channel is disabled
76543210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
00000000
Reset
00000000
Figure 8-14. PWM Channel Counter Registers (PWMCNTx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com