Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 375 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 375 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 371Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 372Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 373Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 374Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 375Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 376Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 377Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 378Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 379Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
375
Read: Always read $00 in normal modes
Write: Unimplemented in normal modes
NOTE
Writing to this register when in special modes can alter the PWM
functionality.
8.3.2.8
Reserved Register (PWMPRSC)
This register is reserved for factory testing of the PWM module and is not available in normal modes.
Read: Always read $00 in normal modes
Write: Unimplemented in normal modes
NOTE
Writing to this register when in special modes can alter the PWM
functionality.
8.3.2.9
PWM Scale A Register (PWMSCLA)
PWMSCLA is the programmable scale value used in scaling clock A to generate clock SA. Clock SA is
generated by taking clock A, dividing it by the value in the PWMSCLA register and dividing that by two.
Clock SA = Clock A / (2 * PWMSCLA)
NOTE
When PWMSCLA = $00, PWMSCLA value is considered a full scale value
of 256. Clock A is thus divided by 512.
Any value written to this register will cause the scale counter to load the new scale value (PWMSCLA).
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 8-9. Reserved Register (PWMTST)
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 8-10. Reserved Register (PWMPRSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com