Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 420 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 420 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 416Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 417Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 418Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 419Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 420Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 421Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 422Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 423Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 424Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
420
Freescale Semiconductor
10.1.2
Block Diagram
Figure 10-1. MSCAN Block Diagram
10.1.3
Features
The basic features of the MSCAN are as follows:
•
Implementation of the CAN protocol — Version 2.0A/B
— Standard and extended data frames
— Zero to eight bytes data length
— Programmable bit rate up to 1 Mbps1
— Support for remote frames
•
Five receive buffers with FIFO storage scheme
•
Three transmit buffers with internal prioritization using a “local priority” concept
•
Flexible maskable identifier filter supports two full-size (32-bit) extended identifier filters, or four
16-bit filters, or eight 8-bit filters
•
Programmable wakeup functionality with integrated low-pass filter
•
Programmable loopback mode supports self-test operation
•
Programmable listen-only mode for monitoring of CAN bus
•
Programmable bus-off recovery functionality
•
Separate signalling and interrupt capabilities for all CAN receiver and transmitter error states
(warning, error passive, bus-off)
•
Programmable MSCAN clock source either bus clock or oscillator clock
1. Depending on the actual bit timing and the clock jitter of the PLL.
RXCAN
TXCAN
Receive/
Transmit
Engine
Message
Filtering
and
Buffering
Control
and
Status
Wake-Up Interrupt Req.
Errors Interrupt Req.
Receive Interrupt Req.
Transmit Interrupt Req.
CANCLK
Bus Clock
Configuration
Oscillator Clock
MUX
Presc.
Tq Clk
MSCAN
Low Pass Filter
Wake-Up
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com