Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 421 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 421 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 417Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 418Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 419Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 420Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 421Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 422Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 423Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 424Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 425Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
421
•
Internal timer for time-stamping of received and transmitted messages
•
Three low-power modes: sleep, power down, and MSCAN enable
•
Global initialization of configuration registers
10.1.4
Modes of Operation
The following modes of operation are specific to the MSCAN. See Section 10.4, “Functional Description,”
for details.
•
Listen-Only Mode
•
MSCAN Sleep Mode
•
MSCAN Initialization Mode
•
MSCAN Power Down Mode
10.2
External Signal Description
The MSCAN uses two external pins:
10.2.1
RXCAN — CAN Receiver Input Pin
RXCAN is the MSCAN receiver input pin.
10.2.2
TXCAN — CAN Transmitter Output Pin
TXCAN is the MSCAN transmitter output pin. The TXCAN output pin represents the logic level on the
CAN bus:
0 = Dominant state
1 = Recessive state
10.2.3
CAN System
A typical CAN system with MSCAN is shown in Figure 10-2. Each CAN station is connected physically
to the CAN bus lines through a transceiver device. The transceiver is capable of driving the large current
needed for the CAN bus and has current protection against defective CAN or defective stations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com