Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 428 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 428 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 424Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 425Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 426Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 427Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 428Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 429Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 430Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
428
Freescale Semiconductor
10.3.2.3
MSCAN Bus Timing Register 0 (CANBTR0)
The CANBTR0 register configures various CAN bus timing parameters of the MSCAN module.
Read: Anytime
Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1)
1
SLPAK
Sleep Mode Acknowledge — This flag indicates whether the MSCAN module has entered sleep mode (see
Section 10.4.5.4, “MSCAN Sleep Mode”). It is used as a handshake flag for the SLPRQ sleep mode request.
Sleep mode is active when SLPRQ = 1 and SLPAK = 1. Depending on the setting of WUPE, the MSCAN will
clear the flag if it detects activity on the CAN bus while in sleep mode.
0 Running — The MSCAN operates normally
1 Sleep mode active — The MSCAN has entered sleep mode
0
INITAK
Initialization Mode Acknowledge — This flag indicates whether the MSCAN module is in initialization mode
(see Section 10.4.5.5, “MSCAN Initialization Mode”). It is used as a handshake flag for the INITRQ initialization
mode request. Initialization mode is active when INITRQ = 1 and INITAK = 1. The registers CANCTL1,
CANBTR0, CANBTR1, CANIDAC, CANIDAR0–CANIDAR7, and CANIDMR0–CANIDMR7 can be written only by
the CPU when the MSCAN is in initialization mode.
0 Running — The MSCAN operates normally
1 Initialization mode active — The MSCAN has entered initialization mode
76543210
R
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
W
Reset:
00000000
Figure 10-6. MSCAN Bus Timing Register 0 (CANBTR0)
Table 10-3. CANBTR0 Register Field Descriptions
Field
Description
7:6
SJW[1:0]
Synchronization Jump Width — The synchronization jump width defines the maximum number of time quanta
(Tq) clock cycles a bit can be shortened or lengthened to achieve resynchronization to data transitions on the
CAN bus (see Table 10-4).
5:0
BRP[5:0]
Baud Rate Prescaler — These bits determine the time quanta (Tq) clock which is used to build up the bit timing
(see Table 10-5).
Table 10-4. Synchronization Jump Width
SJW1
SJW0
Synchronization Jump Width
0
0
1 Tq clock cycle
0
1
2 Tq clock cycles
1
0
3 Tq clock cycles
1
1
4 Tq clock cycles
Table 10-2. CANCTL1 Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com