Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 429 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 429 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 425Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 426Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 427Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 428Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 429Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 430Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 433Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
429
10.3.2.4
MSCAN Bus Timing Register 1 (CANBTR1)
The CANBTR1 register configures various CAN bus timing parameters of the MSCAN module.
Read: Anytime
Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1)
Table 10-5. Baud Rate Prescaler
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
Prescaler value (P)
000000
1
000001
2
000010
3
000011
4
::::::
:
111111
64
76543210
R
SAMP
TSEG22
TSEG21
TSEG20
TSEG13
TSEG12
TSEG11
TSEG10
W
Reset:
00000000
Figure 10-7. MSCAN Bus Timing Register 1 (CANBTR1)
Table 10-6. CANBTR1 Register Field Descriptions
Field
Description
7
SAMP
Sampling — This bit determines the number of CAN bus samples taken per bit time.
0 One sample per bit.
1 Three samples per bit1.
If SAMP = 0, the resulting bit value is equal to the value of the single bit positioned at the sample point. If
SAMP = 1, the resulting bit value is determined by using majority rule on the three total samples. For higher bit
rates, it is recommended that only one sample is taken per bit time (SAMP = 0).
1 In this case, PHASE_SEG1 must be at least 2 time quanta (Tq).
6:4
TSEG2[2:0]
Time Segment 2 — Time segments within the bit time fix the number of clock cycles per bit time and the location
of the sample point (see Figure 10-44). Time segment 2 (TSEG2) values are programmable as shown in
Table 10-7.
3:0
TSEG1[3:0]
Time Segment 1 — Time segments within the bit time fix the number of clock cycles per bit time and the location
of the sample point (see Figure 10-44). Time segment 1 (TSEG1) values are programmable as shown in
Table 10-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com