Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 433 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 433 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 429Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 430Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 433Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 434Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
433
10.3.2.7
MSCAN Transmitter Flag Register (CANTFLG)
The transmit buffer empty flags each have an associated interrupt enable bit in the CANTIER register.
Table 10-10. CANRIER Register Field Descriptions
Field
Description
7
WUPIE1
1 WUPIE and WUPE (see Section 10.3.2.1, “MSCAN Control Register 0 (CANCTL0)”) must both be enabled if the recovery
mechanism from stop or wait is required.
Wake-Up Interrupt Enable
0
No interrupt request is generated from this event.
1
A wake-up event causes a Wake-Up interrupt request.
6
CSCIE
CAN Status Change Interrupt Enable
0
No interrupt request is generated from this event.
1
A CAN Status Change event causes an error interrupt request.
5:4
RSTATE[1:0]
Receiver Status Change Enable — These RSTAT enable bits control the sensitivity level in which receiver state
changes are causing CSCIF interrupts. Independent of the chosen sensitivity level the RSTAT flags continue to
indicate the actual receiver state and are only updated if no CSCIF interrupt is pending.
00 Do not generate any CSCIF interrupt caused by receiver state changes.
01 Generate CSCIF interrupt only if the receiver enters or leaves “bus-off” state. Discard other receiver state
changes for generating CSCIF interrupt.
10 Generate CSCIF interrupt only if the receiver enters or leaves “RxErr” or “bus-off”2 state. Discard other
receiver state changes for generating CSCIF interrupt.
11 Generate CSCIF interrupt on all state changes.
2 Bus-off state is defined by the CAN standard (see Bosch CAN 2.0A/B protocol specification: for only transmitters. Because the
only possible state change for the transmitter from bus-off to TxOK also forces the receiver to skip its current state to RxOK,
the coding of the RXSTAT[1:0] flags define an additional bus-off state for the receiver (see Section 10.3.2.5, “MSCAN Receiver
Flag Register (CANRFLG)”).
3:2
TSTATE[1:0]
Transmitter Status Change Enable — These TSTAT enable bits control the sensitivity level in which transmitter
state changes are causing CSCIF interrupts. Independent of the chosen sensitivity level, the TSTAT flags
continue to indicate the actual transmitter state and are only updated if no CSCIF interrupt is pending.
00 Do not generate any CSCIF interrupt caused by transmitter state changes.
01 Generate CSCIF interrupt only if the transmitter enters or leaves “bus-off” state. Discard other transmitter
state changes for generating CSCIF interrupt.
10 Generate CSCIF interrupt only if the transmitter enters or leaves “TxErr” or “bus-off” state. Discard other
transmitter state changes for generating CSCIF interrupt.
11 Generate CSCIF interrupt on all state changes.
1
OVRIE
Overrun Interrupt Enable
0
No interrupt request is generated from this event.
1
An overrun event causes an error interrupt request.
0
RXFIE
Receiver Full Interrupt Enable
0
No interrupt request is generated from this event.
1
A receive buffer full (successful message reception) event causes a receiver interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com