Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 435 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 435 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 433Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 434Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 438Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 439Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
435
NOTE
The CANTIER register is held in the reset state when the initialization mode
is active (INITRQ = 1 and INITAK = 1). This register is writable when not
in initialization mode (INITRQ = 0 and INITAK = 0).
Read: Anytime
Write: Anytime when not in initialization mode
10.3.2.9
MSCAN Transmitter Message Abort Request Register (CANTARQ)
The CANTARQ register allows abort request of queued messages as described below.
NOTE
The CANTARQ register is held in the reset state when the initialization
mode is active (INITRQ = 1 and INITAK = 1). This register is writable when
not in initialization mode (INITRQ = 0 and INITAK = 0).
Read: Anytime
Write: Anytime when not in initialization mode
Table 10-12. CANTIER Register Field Descriptions
Field
Description
2:0
TXEIE[2:0]
Transmitter Empty Interrupt Enable
0 No interrupt request is generated from this event.
1 A transmitter empty (transmit buffer available for transmission) event causes a transmitter empty interrupt
request.
76543210
R
00000
ABTRQ2
ABTRQ1
ABTRQ0
W
Reset:
00000000
= Unimplemented
Figure 10-12. MSCAN Transmitter Message Abort Request Register (CANTARQ)
Table 10-13. CANTARQ Register Field Descriptions
Field
Description
2:0
ABTRQ[2:0]
Abort Request — The CPU sets the ABTRQx bit to request that a scheduled message buffer (TXEx = 0) be
aborted. The MSCAN grants the request if the message has not already started transmission, or if the
transmission is not successful (lost arbitration or error). When a message is aborted, the associated TXE (see
Section 10.3.2.7, “MSCAN Transmitter Flag Register (CANTFLG)”) and abort acknowledge flags (ABTAK, see
Section 10.3.2.10, “MSCAN Transmitter Message Abort Acknowledge Register (CANTAAK)”) are set and a
transmit interrupt occurs if enabled. The CPU cannot reset ABTRQx. ABTRQx is reset whenever the associated
TXE flag is set.
0 No abort request
1 Abort request pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com