Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 434 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 434 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 430Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 433Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 434Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 438Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
434
Freescale Semiconductor
NOTE
The CANTFLG register is held in the reset state when the initialization
mode is active (INITRQ = 1 and INITAK = 1). This register is writable when
not in initialization mode (INITRQ = 0 and INITAK = 0).
Read: Anytime
Write: Anytime for TXEx flags when not in initialization mode; write of 1 clears flag, write of 0 is ignored
10.3.2.8
MSCAN Transmitter Interrupt Enable Register (CANTIER)
This register contains the interrupt enable bits for the transmit buffer empty interrupt flags.
76543210
R0
0
0
00
TXE2
TXE1
TXE0
W
Reset:
00000111
= Unimplemented
Figure 10-10. MSCAN Transmitter Flag Register (CANTFLG)
Table 10-11. CANTFLG Register Field Descriptions
Field
Description
2:0
TXE[2:0]
Transmitter Buffer Empty — This flag indicates that the associated transmit message buffer is empty, and thus
not scheduled for transmission. The CPU must clear the flag after a message is set up in the transmit buffer and
is due for transmission. The MSCAN sets the flag after the message is sent successfully. The flag is also set by
the MSCAN when the transmission request is successfully aborted due to a pending abort request (see
Section 10.3.2.9, “MSCAN Transmitter Message Abort Request Register (CANTARQ)”). If not masked, a
transmit interrupt is pending while this flag is set.
Clearing a TXEx flag also clears the corresponding ABTAKx (see Section 10.3.2.10, “MSCAN Transmitter
Message Abort Acknowledge Register (CANTAAK)”). When a TXEx flag is set, the corresponding ABTRQx bit
is cleared (see Section 10.3.2.9, “MSCAN Transmitter Message Abort Request Register (CANTARQ)”).
When listen-mode is active (see Section 10.3.2.2, “MSCAN Control Register 1 (CANCTL1)”) the TXEx flags
cannot be cleared and no transmission is started.
Read and write accesses to the transmit buffer will be blocked, if the corresponding TXEx bit is cleared
(TXEx = 0) and the buffer is scheduled for transmission.
0 The associated message buffer is full (loaded with a message due for transmission)
1 The associated message buffer is empty (not scheduled)
76543210
R
00000
TXEIE2
TXEIE1
TXEIE0
W
Reset:
00000000
= Unimplemented
Figure 10-11. MSCAN Transmitter Interrupt Enable Register (CANTIER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com