Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 436 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 436 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 433Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 434Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 438Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 439Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 440Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
436
Freescale Semiconductor
10.3.2.10 MSCAN Transmitter Message Abort Acknowledge Register (CANTAAK)
The CANTAAK register indicates the successful abort of a queued message, if requested by the
appropriate bits in the CANTARQ register.
NOTE
The CANTAAK register is held in the reset state when the initialization
mode is active (INITRQ = 1 and INITAK = 1).
Read: Anytime
Write: Unimplemented for ABTAKx flags
10.3.2.11 MSCAN Transmit Buffer Selection Register (CANTBSEL)
The CANTBSEL register allows the selection of the actual transmit message buffer, which then will be
accessible in the CANTXFG register space.
76543210
R
00000
ABTAK2
ABTAK1
ABTAK0
W
Reset:
00000000
= Unimplemented
Figure 10-13. MSCAN Transmitter Message Abort Acknowledge Register (CANTAAK)
Table 10-14. CANTAAK Register Field Descriptions
Field
Description
2:0
ABTAK[2:0]
Abort Acknowledge — This flag acknowledges that a message was aborted due to a pending abort request
from the CPU. After a particular message buffer is flagged empty, this flag can be used by the application
software to identify whether the message was aborted successfully or was sent anyway. The ABTAKx flag is
cleared whenever the corresponding TXE flag is cleared.
0 The message was not aborted.
1 The message was aborted.
76543210
R
00000
TX2
TX1
TX0
W
Reset:
00000000
= Unimplemented
Figure 10-14. MSCAN Transmit Buffer Selection Register (CANTBSEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com