Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 464 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 464 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 460Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 461Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 462Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 463Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 464Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 465Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 466Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 467Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 468Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
464
Freescale Semiconductor
10.4.3.1
Protocol Violation Protection
The MSCAN protects the user from accidentally violating the CAN protocol through programming errors.
The protection logic implements the following features:
•
The receive and transmit error counters cannot be written or otherwise manipulated.
•
All registers which control the configuration of the MSCAN cannot be modified while the MSCAN
is on-line. The MSCAN has to be in Initialization Mode. The corresponding INITRQ/INITAK
handshake bits in the CANCTL0/CANCTL1 registers (see Section 10.3.2.1, “MSCAN Control
Register 0 (CANCTL0)”) serve as a lock to protect the following registers:
— MSCAN control 1 register (CANCTL1)
— MSCAN bus timing registers 0 and 1 (CANBTR0, CANBTR1)
— MSCAN identifier acceptance control register (CANIDAC)
— MSCAN identifier acceptance registers (CANIDAR0–CANIDAR7)
— MSCAN identifier mask registers (CANIDMR0–CANIDMR7)
•
The TXCAN pin is immediately forced to a recessive state when the MSCAN goes into the power
down mode or initialization mode (see Section 10.4.5.6, “MSCAN Power Down Mode,” and
Section 10.4.5.5, “MSCAN Initialization Mode”).
•
The MSCAN enable bit (CANE) is writable only once in normal system operation modes, which
provides further protection against inadvertently disabling the MSCAN.
10.4.3.2
Clock System
Figure 10-43 shows the structure of the MSCAN clock generation circuitry.
Figure 10-43. MSCAN Clocking Scheme
The clock source bit (CLKSRC) in the CANCTL1 register (10.3.2.2/10-426) defines whether the internal
CANCLK is connected to the output of a crystal oscillator (oscillator clock) or to the bus clock.
The clock source has to be chosen such that the tight oscillator tolerance requirements (up to 0.4%) of the
CAN protocol are met. Additionally, for high CAN bus rates (1 Mbps), a 45% to 55% duty cycle of the
clock is required.
Bus Clock
Oscillator Clock
MSCAN
CANCLK
CLKSRC
CLKSRC
Prescaler
(1 .. 64)
Time quanta clock (Tq)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com