Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 465 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 465 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 461Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 462Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 463Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 464Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 465Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 466Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 467Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 468Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 469Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
465
If the bus clock is generated from a PLL, it is recommended to select the oscillator clock rather than the
bus clock due to jitter considerations, especially at the faster CAN bus rates.
For microcontrollers without a clock and reset generator (CRG), CANCLK is driven from the crystal
oscillator (oscillator clock).
A programmable prescaler generates the time quanta (Tq) clock from CANCLK. A time quantum is the
atomic unit of time handled by the MSCAN.
Eqn. 10-2
A bit time is subdivided into three segments as described in the Bosch CAN specification. (see
Figure 10-44):
•
SYNC_SEG: This segment has a fixed length of one time quantum. Signal edges are expected to
happen within this section.
•
Time Segment 1: This segment includes the PROP_SEG and the PHASE_SEG1 of the CAN
standard. It can be programmed by setting the parameter TSEG1 to consist of 4 to 16 time quanta.
•
Time Segment 2: This segment represents the PHASE_SEG2 of the CAN standard. It can be
programmed by setting the TSEG2 parameter to be 2 to 8 time quanta long.
Eqn. 10-3
Figure 10-44. Segments within the Bit Time
Tq
f
CANCLK
Prescaler value
(
)
------------------------------------------------------
=
Bit Rate
f
Tq
number of Time Quanta
()
---------------------------------------------------------------------------------
=
SYNC_SEG
Time Segment 1
Time Segment 2
1
4 ... 16
2 ... 8
8 ... 25 Time Quanta
= 1 Bit Time
NRZ Signal
Sample Point
(single or triple sampling)
(PROP_SEG + PHASE_SEG1)
(PHASE_SEG2)
Transmit Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com